Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 67Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 68Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 69Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 70Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 71Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 72Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 73Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 74Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 71
Table 5.50 Recommended Operating Conditions (1)
4.0
5.5
Typ.Max.
Unit
Parameter
VCC1, VCC2
5.0
Supply voltage(VCC1=VCC2)
Symbol
Min.
Standard
Analog supply voltage
VCC1
AVcc
V
V
0
0
Analog supply voltage
Supply voltage
VIH
IOH (avg)
HIGH average
output current
mA
mA
Vss
AVss
0.8VCC2
V
V
V
V
VCC2
0.2VCC2
0.2VCC1
0
0
LOW input
voltage
IOH (peak)
HIGH peak output
current
HIGH input
voltage
-5.0
-10.0
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
V
0.8VCC2
VCC2
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 (during single-chip mode)
LOW peak output
current
10.0
5.0
mA
f (XIN)
Main clock input oscillation frequency
LOW average
output current
IOL (peak)
mA
IOL (avg)
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P7_0 , P7_1
0.8VCC1
6.5
V
VIL
VCC1=4.0 to 5.5V
0MHz
16
f (XCIN)
Sub-clock oscillation frequency
kHz
50
32.768
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
NOTES:
1. Referenced to VCC1 = VCC2 = 4.7 to 5.5V at Topr = -40 to 85
°C / -40 to 125 °C unless otherwise specified.
T version = -40 to 85
°C, V version = -40 to 125 °C.
2. The mean output current is the mean value within 100ms.
3. The total IOL(peak) for ports P0, P1, P2, P8_6, P8_7, P9, P10, P11, P14_0 and P14_1 must be 80mA max. The total IOL(peak)
for ports P3, P4, P5, P6, P7, P8_0 to P8_4, P12, and P13 must be 80mA max. The total IOH(peak) for ports P0, P1, and P2
must be -40mA max. The total IOH(peak) for ports P3, P4, P5, P12, and P13 must be -40mA max. The total IOH(peak) for ports
P6, P7, and P8_0 to P8_4 must be -40mA max. The total IOH(peak) for ports P8_6, P8_7, P9, P10, P11, P14_0, and P14_1
must be -40mA max.
As for 80-pin version, the total IOL(peak) for all ports and IOH(peak) must be 80mA. max. due to one VCC and one VSS.
4. There is no external connections for port P1_0 to P1_7, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in 80-pin version.
0.8VCC1
V
VCC1
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7, P9_0 to P9_7,
XIN, RESET, CNVSS, BYTE
P10_0 to P10_7, P11_0 to P11_7, P14_0, P14_1,
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 (during single-chip mode)
V
0.2VCC2
0
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7,
XIN, RESET, CNVSS, BYTE
P11_0 to P11_7, P14_0, P14_1,
f (Ring)
Ring oscillation frequency
MHz
1
f (PLL)
PLL clock oscillation frequency (4)
VCC1=4.0 to 5.5V
10
MHz
24
f (BCLK)
CPU operation clock
0
MHz
24
tSU(PLL)
PLL frequency synthesizer stabilization wait timeVCC1=5.0V20
ms
0.5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com