Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 13Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 14Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 15Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 16Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 17Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 18Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 19Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 20Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 17
1. Overview
Table 1.10 Pin Description (100-pin and 128-pin Version) (2)
XIN
XOUT
XCIN
XCOUT
BCLK
CLKOUT
________
________
INT0 to INT5
_______
NMI
_____
______
KI0 to KI3
TA0OUT to
TA4OUT
TA0IN to
TA4IN
ZP
TB0IN to
TB5IN
__
__
U, U, V, V,
__
W, W
__________
________
CTS0 to CTS2
________
________
RTS0 to RTS2
CLK0 to CLK4
RXD0 to RXD2
SIN3, SIN4
TXD0 to
TXD2
SOUT3, SOUT4
CLKS1
SDA0 to SDA2
SCL0 to SCL2
Main clock input
Main clock output
Sub clock input
Sub clock output
BCLK output (2)
Clock output
______
INT interrupt input
_______
NMI interrupt input
Key input interrupt
input
Timer A
Timer B
Three-phase motor
control output
Serial I/O
I2C mode
VCC1
VCC1
VCC1
VCC1
VCC2
VCC2
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
I
O
I
O
O
O
I
I
I
I/O
I
I
I
O
I
O
I/O
I
I
O
O
O
I/O
I/O
I/O pins for the main clock generation circuit. Connect a ceramic resonator or
crystal oscillator between XIN and XOUT (3). To use the external clock, input the
clock from XIN and leave XOUT open.
I/O pins for a sub clock oscillation circuit. Connect a crystal oscillator between
XCIN and XCOUT (3). To use the external clock, input the clock from XCIN and
leave XCOUT open.
Outputs the BCLK signal.
The clock of the same cycle as fC, f8, or f32 is outputted.
______
Input pins for the INT interrupt
_______
Input pin for the NMI interrupt. Pin states can be read by the P8_5 bit in the P8
register.
Input pins for the key input interrupt
These are timer A0 to timer A4 I/O pins. (except the output of TAOUT for the N-
channel open drain output.)
These are timer A0 to timer A4 input pins.
Input pin for the Z-phase.
These are timer B0 to timer B5 input pins.
These are Three-phase motor control output pins.
These are send control input pins.
These are receive control output pins.
These are transfer clock I/O pins.
These are serial data input pins.
These are serial data input pins.
These are serial data output pins. (except TXD2 for the N-channel open drain
output.)
These are serial data output pins.
This is output pin for transfer clock output from multiple pins function.
These are serial data I/O pins. (except SDA2 for the N-channel open drain
output.)
These are transfer clock I/O pins. (except SCL2 for the N-channel open drain
output.)
I : Input
O : Output
I/O : Input and output
NOTES:
1. When use VCC1
≥ VCC2, contacts due to some points or restrictions to be checked.
2. This pin function is not in M16C/62PT.
3. Ask the oscillator maker the oscillation characteristic.
Power
Signal name
Pin name
I/O type
Description
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com