Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 54Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 55Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 56Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 57Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 58Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 59Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 60Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 61Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 87 page
background image
VCC1 = VCC2 = 3V
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 58
Switching Characteristics
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr = – 20 to 85oC / – 40 to 85oC unless otherwise specified)
Figure 5.11 Ports P0 to P14 Measurement Circuit
Table 5.46 Memory Expansion, Microprocessor Modes (for setting with no wait)
Symbol
Standard
Measuring condition
Max.
Min.
Parameter
Unit
td(BCLK-AD)
Address output delay time30
ns
th(BCLK-AD)
Address output hold time (refers to BCLK)4
ns
th(BCLK-CS)
Chip select output hold time (refers to BCLK)4
ns
td(BCLK-ALE)
ALE signal output delay time25
ns
th(BCLK-ALE)
ALE signal output hold time
–4
ns
td(BCLK-RD)
RD signal output delay time30
ns
th(BCLK-RD)
RD signal output hold time0
ns
td(BCLK-WR)
WR signal output delay time30
ns
th(BCLK-WR)
WR signal output hold time0
ns
td(BCLK-DB)
Data output delay time (refers to BCLK)40
ns
th(BCLK-DB)
Data output hold time (refers to BCLK)(3)
4ns
th(WR-DB)
Data output hold time (refers to WR)(3)
ns
td(DB-WR)
Data output delay time (refers to WR)ns
1. Calculated according to the BCLK frequency as follows:
f(BCLK)
0.5 X 109
– 40
[ns]
td(BCLK-CS)
Chip select output delay time30
ns
th(RD-AD)
Address output hold time (refers to RD)0
ns
th(WR-AD)
Address output hold time (refers to WR)
(Note 2)
ns
3. This standard value shows the timing when the output is off,
and does not show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-up
(pull-down) resistance value.
Hold time of data bus is expressed in
t = –CR X ln (1 – VOL / VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30pF, R = 1k
Ω, hold time
of output “L” level is
t = – 30pF X 1k
Ω X ln (1 – 0.2VCC2 / VCC2)
= 6.7ns.
DBi
R
C
(Note 1)
(Note 2)
2. Calculated according to the BCLK frequency as follows:
f(BCLK)
0.5 X 109
[ns]
f(BCLK) is 12.5MHz or less.
– 10
NOTES:
HLDA output delay time
40
ns
td(BCLK-HLDA)
See Figure 5.11
P6
P7
P8
P10
P9
P0
P1
P2
P3
P4
P5
30pF
P11
P12
P13
P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com