Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 21Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 22Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 23Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 24Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 25Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 26Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 27Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 28Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
page 25
4. SFR
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
Timer A1 interrupt control register
TA1IC
XXXXX000b
UART0 transmit interrupt control register
S0TIC
XXXXX000b
Timer A0 interrupt control register
TA0IC
XXXXX000b
Timer A2 interrupt control register
TA2IC
XXXXX000b
UART0 receive interrupt control register
S0RIC
XXXXX000b
UART1 transmit interrupt control register
S1TIC
XXXXX000b
UART1 receive interrupt control register
S1RIC
XXXXX000b
DMA1 interrupt control register
DM1IC
XXXXX000b
DMA0 interrupt control register
DM0IC
XXXXX000b
Key input interrupt control register
KUPIC
XXXXX000b
A-D conversion interrupt control register
ADIC
XXXXX000b
UART2 Bus collision detection interrupt control register
BCNIC
XXXXX000b
UART2 transmit interrupt control register
S2TIC
XXXXX000b
UART2 receive interrupt control register
S2RIC
XXXXX000b
INT1 interrupt control register
INT1IC
XX00X000b
Timer B0 interrupt control register
TB0IC
XXXXX000b
Timer B2 interrupt control register
TB2IC
XXXXX000b
Timer A3 interrupt control register
TA3IC
XXXXX000b
INT2 interrupt control register
INT2IC
XX00X000b
INT0 interrupt control register
INT0IC
XX00X000b
Timer B1 interrupt control register
TB1IC
XXXXX000b
Timer A4 interrupt control register
TA4IC
XXXXX000b
INT3 interrupt control register
INT3IC
XX00X000b
Timer B5 interrupt control register
TB5IC
XXXXX000b
Timer B4 interrupt control register, UART1 BUS collision detection interrupt control register
TB4IC, U1BCNIC
XXXXX000b
Timer B3 interrupt control register, UART0 BUS collision detection interrupt control register
TB3IC, U0BCNIC
XXXXX000b
SI/O4 interrupt control register (S4IC), INT5 interrupt control register
S4IC, INT5IC
XX00X000b
SI/O3 interrupt control register, INT4 interrupt control register
S3IC, INT4IC
XX00X000b
NOTES :
1. The blank areas are reserved and cannot be accessed by users.
X : Nothing is mapped to this bit
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
0049h
004Ah
004Bh
004Ch
004Dh
004Eh
004Fh
0050h
0051h
0052h
0053h
0054h
0055h
0056h
0057h
0058h
0059h
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
Address
Register
Symbol
After reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com