Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 3Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 4Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 5Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 6Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 7Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 8Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 9Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 10Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 7
1.4 Product List
Tables 1.4 to 1.7 list the product list, figure 1.3 shows the type numbers, memory sizes and packages,
table 1.8 lists the product code of flash memory version and external ROM version for M16C/62P. Fig-
ure 1.4 shows the marking diagram of flash memory version and external ROM version for M16C/62P.
Please specify the mark of the mask ROM version at the time of ROM order.
Please ask separately marking of the flash memory version of M16C/62PT.
4K bytes
64K bytes
M30622M8P-XXXFP
4K bytes
48K bytes
M30622M6P-XXXFP
100P6Q-A
M30622M8P-XXXGP
M30622M6P-XXXGP
RAM capacity
ROM capacity
Package type
Remarks
Type No.
As of Nov. 2003
100P6S-A
MASK ROM version
(D): Under development
(P): Under planning
100P6Q-A
100P6S-A
(D)
(D)
(D)
(D)
5K bytes
96K bytes
M30622MAP-XXXFP
M30622MAP-XXXGP
100P6Q-A
100P6S-A
80P6S-A
M30623M6P-XXXGP
M30623M8P-XXXGP
80P6S-A
M30623MAP-XXXGP
80P6S-A
12K bytes
192K bytes
M30622MEP-XXXFP
10K bytes
128K bytes
M30620MCP-XXXFP
M30622MEP-XXXGP
M30620MCP-XXXGP
100P6Q-A
100P6S-A
100P6Q-A
100P6S-A
M30623MEP-XXXGP
128P6Q-A
M30624MGP-XXXFP
100P6S-A
20K bytes
M30624MGP-XXXGP
100P6Q-A
M30625MGP-XXXGP
128P6Q-A
M30622MGP-XXXFP
100P6S-A
12K bytes
256K bytes
M30622MGP-XXXGP
100P6Q-A
128P6Q-A
M30623MGP-XXXGP
M30626MWP-XXXFP
100P6S-A
31K bytes
M30626MWP-XXXGP
100P6Q-A
128P6Q-A
M30627MWP-XXXGP
M30624MWP-XXXFP
100P6S-A
100P6Q-A
24K bytes
320K bytes
M30624MWP-XXXGP
128P6Q-A
M30625MWP-XXXGP
M30622MWP-XXXFP
100P6S-A
16K bytes
M30622MWP-XXXGP
100P6Q-A
M30626MHP-XXXFP
100P6S-A
31K bytes
M30626MHP-XXXGP
100P6Q-A
128P6Q-A
M30623MWP-XXXGP
128P6Q-A
M30627MHP-XXXGP
100P6S-A
M30624MHP-XXXFP
100P6Q-A
24K bytes
384K bytes
M30624MHP-XXXGP
128P6Q-A
M30625MHP-XXXGP
M30622MHP-XXXFP
100P6S-A
16K bytes
M30622MHP-XXXGP
100P6Q-A
128P6Q-A
M30623MHP-XXXGP
(D)
(D)
(D)
(D)
(D)
(D)
(D)
(D)
(D)
M30621MCP-XXXGP
80P6S-A
(D)
(D)
(D)
(D)
Table 1.4 Product List (1) (M16C/62P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com