Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 22Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 23Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 24Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 25Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 26Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 27Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 28Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 29Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
4. SFR
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 26
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
to
01AFh
01B0h
01B1h
01B2h
01B3h
01B4h
01B5h
01B6h
01B7h
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01BFh
00C0h
to
02AFh
0250h
0251h
0252h
0253h
0254h
0255h
0256h
0257h
0258h
0259h
025Ah
025Bh
025Ch
025Dh
025Eh
025Fh
0260h
to
032Fh
0330h
0331h
0332h
0333h
0334h
0335h
0336h
0337h
0338h
0339h
033Ah
033Bh
033Ch
033Dh
033Eh
033Fh
NOTES :
1. The blank areas are reserved and cannot be accessed by users.
2. This register is included in the flash memory version.
X : Nothing is mapped to this bit
Peripheral clock select register
PCLKR
00000011b
Flash memory control register 0 (2)
FMR0
XX000001b
Flash memory control register 1 (2)
FMR1
0X00XX0Xb
Address match interrupt register 2
RMAD2
00h
00h
X0h
Address match interrupt register 3
RMAD3
00h
00h
X0h
Address match interrupt enable register 2
AIER2
XXXXXX00b
Address
Register
Symbol
After reset
Flash identification register (2)
FIDR
XXXXXX00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com