Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 51Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 52Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 53Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 54Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 55Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 56Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 57Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 58Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
VCC1 = VCC2 = 3V
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 55
Timing Requirements
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr = – 20 to 85oC / – 40 to 85oC unless otherwise specified)
Table 5.33 Memory Expansion and Microprocessor Modes
Table 5.32 External Clock Input (XIN input)
Max.
External clock rise time
ns
tr
Min.
External clock input cycle time
External clock input HIGH pulse width
External clock input LOW pulse width
External clock fall time
ns
ns
ns
ns
tc
tw(H)
tw(L)
tf
Parameter
Symbol
Unit
Standard
100
40
40
18
18
(Note 1)
(Note 2)
(Note 3)
50
40
0
0
50
0
1. Calculated according to the BCLK frequency as follows:
Min.
Data input setup time
ns
tsu(DB-RD)
tsu(RDY-BCLK )
Parameter
Symbol
Unit
Max.
Standard
ns
RDY input setup time
Data input hold time
ns
th(RD-DB)
th(BCLK -RDY)
ns
RDY input hold time
ns
HOLD input setup time
tsu(HOLD-BCLK )
ns
HOLD input hold time
th(BCLK-HOLD )
Data input access time (for setting with no wait)
ns
tac1(RD-DB)
ns
ns
tac2(RD-DB)
tac3(RD-DB)
Data input access time (for setting with wait)
Data input access time (when accessing multiplex bus area)
f(BCLK)
– 60
0.5 X 109
[ns]
2. Calculated according to the BCLK frequency as follows:
f(BCLK)
– 60
(n–0.5) X 109
[ns]
3. Calculated according to the BCLK frequency as follows:
f(BCLK)
– 60
(n–0.5) X 109
[ns]
n is “2” for 1-wait setting, “3” for 2-wait setting and “4” for 3-wait
setting.
n is “2” for 2-wait setting, “3” for 3-wait setting.
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com