Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 26Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 27Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 28Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 29Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 30Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 31Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 32Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 33Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 30
Table 5.1 Absolute Maximum Ratings
Operating ambient
temperature
ParameterUnit
VREF, XIN
Input
voltage
Analog supply voltage
Supply voltage
Output
voltage
XOUT
VO
-0.3 to VCC1+0.3 (1)
-0.3 to VCC1+0.3 (1)
Pd
Power dissipation
Storage temperature
Rated value
V
V
V
Condition
VI
AVCC
VCC1, VCC2
Tstg
Topr
Symbol
mW
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P9_0 to P9_7, P10_0 to P10_7,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P7_0, P7_1
P7_0, P7_1
-0.3 to 6.5
V
V
RESET, CNVSS, BYTE,
VCC1=AVCC
VCC1=AVCC
-0.3 to 6.5
P11_0 to P11_7, P14_0, P14_1,
Supply voltage
-0.3 to VCC1+0.1V
VCC2
VCC2
P12_0 to P12_7, P13_0 to P13_7
-0.3 to VCC2+0.3 (1)
V
V
P11_0 to P11_7, P14_0, P14_1,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P12_0 to P12_7, P13_0 to P13_7
-0.3 to VCC2+0.3 (1)
V
-0.3 to 6.5
-65 to 150
300
-20 to 85 / -40 to 85
-0.3 to 6.5
°C
°C
NOTES:
1. There is no external connections for port P1_0 to P1_7, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in 80-pin version.
-40
°C < Topr ≤ 85 °C
When the microcomputer is
operating
Flash program erase
0 to 60
5. Electrical Characteristics
5.1 Electrical Characteristics (M16C/62P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com