Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 69Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 70Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 71Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 72Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 73Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 74Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 75Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 76Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 73
Table 5.53 Flash Memory Version Electrical Characteristics (1) for 100 cycle products
Table 5.55 Flash Memory Version Program/Erase Voltage and Read Operation Voltage Characteristics
(at Topr = 0 to 60oC)
Table 5.54 Flash Memory Version Electrical Characteristics (6)
for 10,000 cycle products (Block A and Block 1 (7))
Min.
Typ.
Max.
Word program time (VCC1=5.0V, Topr=25
°C)
Block erase time
(VCC1=5.0V, Topr=25
°C)
Erase all unlocked blocks time (2)
Lock bit program time
ParameterUnit
Standard
25
0.3
25
200
200
µs
s
s
µs
4 X n
Flash memory circuit stabilization wait time
tPS
15
µs
-
-
-
-
Symbol
Program and erase endurance (3)
-
100
4K bytes block
8K bytes block
32K bytes block
64K bytes block
Data hold time (5)
10
-
0.3
0.5
0.8
s
s
s
Min.
Typ.
Max.
Word program time (VCC1=5.0V, Topr=25
°C)
Block erase time
(VCC1=5.0V, Topr=25
°C)
Lock bit program time
Parameter
Unit
Standard
25
0.3
25
µs
s
µs
-
-
-
Symbol
Program and erase endurance (3, 8, 9)
-
10,000 (4)
4K bytes block
Flash memory circuit stabilization wait time
tPS
µs
Data hold time (5)
10
-
cycle
cycle
15
4
4
4
4
year
year
NOTES :
1.Referenced to VCC1=4.5 to 5.5V at Topr = 0 to 60
°C unless otherwise specified.
2.n denotes the number of block erases.
3.Program and Erase Endurance refers to the number of times a block erase can be performed.
If the program and erase endurance is n (n=100, 1,000, or 10,000), each block can be erased n times.
For example, if a 4K bytes block A is erased after writing 1 word data 2,048 times, each to a different address, this
counts as one program and erase endurance. Data cannot be written to the same address more than once without
erasing the block. (Rewrite prohibited)
4.Maximum number of E/W cycles for which operation is guaranteed.
5.Topr = -40 to 85
°C (T version) / -40 to 125 °C (V version).
6.Referenced to VCC1 = 4.0 to 5.5V at Topr = -40 to 85
°C (T version) / -40 to 125 °C (V version) unless otherwise specified.
7.Table 5.55 applies for block A or block 1 program and erase endurance > 1,000. Otherwise, use Table 5.54.
8.To reduce the number of program and erase endurance when working with systems requiring numerous rewrites,
write to unused word addresses within the block instead of rewrite. Erase block only after all possible addresses are
used. For example, an 8-word program can be written 256 times maximum before erase becomes necessary.
Maintaining an equal number of erasure between block A and block 1 will also improve efficiency. It is important to
track the total number of times erasure is used.
9.Should erase error occur during block erase, attempt to execute clear status register command, then block erase
command at least three times until erase error disappears.
10.Customers desiring E/W failure rate information should contact their Renesas technical support representative.
Flash program, erase voltage
Flash read operation voltage
VCC1=5.0 ± 0.5 V
VCC1=4.0 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com