Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 40Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 41Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 42Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 43Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 44Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 45Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 46Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 47Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
VCC1 = VCC2 = 5V
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 44
TAiIN input
TAiOUT input
During event counter mode
tc(TA)
tw(TAH)
tw(TAL)
tc(UP)
tw(UPH)
tw(UPL)
th(TIN–UP)
tsu(UP–TIN)
TAiIN input
(When count on falling
edge is selected)
TAiIN input
(When count on rising
edge is selected)
TAiOUT input
(Up/down input)
TBiIN input
tc(TB)
tw(TBH)
tw(TBL)
tc(AD)
tw(ADL)
ADTRG input
tc(TA)
tsu(TAIN-TAOUT)
tsu(TAOUT-TAIN)
tsu(TAOUT-TAIN)
Two-phase pulse input in
event counter mode
TAiIN input
TAiOUT input
tsu(TAIN-TAOUT)
XIN input
tw(H)
tw(L)
tr
tf
tc
Figure 5.2 Timing Diagram (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com