Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 53Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 54Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 55Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 56Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 57Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 58Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 59Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 60Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
VCC1 = VCC2 = 3V
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 57
Table 5.40 Timer B Input (Counter Input in Event Counter Mode)
Table 5.41 Timer B Input (Pulse Period Measurement Mode)
Table 5.42 Timer B Input (Pulse Width Measurement Mode)
Table 5.43 A-D Trigger Input
Table 5.44 Serial I/O
_______
Table 5.45 External Interrupt INTi Input
ns
ns
Unit
Standard
Max.
Min.
TBiIN input cycle time (counted on one edge)
TBiIN input HIGH pulse width (counted on one edge)
TBiIN input LOW pulse width (counted on one edge)
ns
ns
ns
tc(TB)
tw(TBH)
tw(TBL)
Parameter
Symbol
Unit
tc(TB)
tw(TBL)
tw(TBH)
ns
ns
ns
TBiIN input HIGH pulse width (counted on both edges)
TBiIN input LOW pulse width (counted on both edges)
TBiIN input cycle time (counted on both edges)
150
60
60
120
120
300
Standard
Max.
Min.
ns
ns
tc(TB)
tw(TBH)
Symbol
Parameter
Unit
tw(TBL)
ns
TBiIN input HIGH pulse width
TBiIN input cycle time
TBiIN input LOW pulse width
600
300
300
Standard
Max.
Min.
ns
ns
tc(TB)
Symbol
Parameter
Unit
tw(TBL)
ns
tw(TBH)
TBiIN input cycle time
TBiIN input HIGH pulse width
TBiIN input LOW pulse width
600
300
300
Standard
Max.
Min.
ns
ns
tc(AD)
tw(ADL)
Symbol
Parameter
Unit
ADTRG input cycle time (trigger able minimum)
ADTRG input LOW pulse width
1500
200
tw(INH)
tw(INL)
Symbol
Parameter
INTi input LOW pulse width
INTi input HIGH pulse width
Standard
Max.
Min.
380
380
ns
ns
ns
ns
ns
ns
ns
Standard
Max.
Min.
CLKi input cycle time
CLKi input HIGH pulse width
CLKi input LOW pulse width
tc(CK)
tw(CKH)
tw(CKL)
Parameter
Symbol
Unit
td(C-Q)
tsu(D-C)
th(C-Q)
TXDi hold time
RXDi input setup time
TXDi output delay time
th(C-D)
RXDi input hold time
300
150
150
0
50
90
160
Timing Requirements
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr = – 20 to 85oC / – 40 to 85oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com