Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 50Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 51Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 52Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 53Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 54Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 55Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 56Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 57Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
VCC1 = VCC2 = 3V
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 54
Table 5.31 Electrical Characteristics (2) (1)
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
No division
mA
In single-chip mode, the output
pins are open and other pins are
VSS
8
11
f(BCLK)=10MHz,
No division
mA
f(BCLK)=10MHz,
Mask ROM
13
Flash memory
mA
1.8
mA
1
No division, Ring oscillation
ICC
Power supply current
(VCC1=2.7 to 3.6V)
Topr=25
°C
3.0
µA
Stop mode,
f(BCLK)=32kHz,
Wait mode (2),
Oscillation capacity High
6.0
µA
0.7
1.8
µA
Mask ROM
Flash memory
NOTES:
1. Referenced to VCC1=VCC2=2.7 to 3.3V, VSS=0V at Topr = -20 to 85
°C / -40 to 85 °C, f(BCLK)=10MHz unless otherwise specified.
2. With one timer operated using fC32.
3. This indicates the memory in which the program to be executed exists.
4. Idet is dissipation current when the following bit is set to “1” (detection circuit enabled).
Idet4: VC27 bit of VCR2 register
Idet3: VC26 bit of VCR2 register
Idet2: VC25 bit of VCR2 register
Wait mode
µA
Low power dissipation mode,
ROM (3)
f(XCIN)=32kHz,
µA
Mask ROM
Low power dissipation mode,
RAM (3)
f(BCLK)=32kHz,
420
µA
Low power dissipation mode,
Flash memory (3)
f(BCLK)=32kHz,
µA
Flash memory
25
Ring oscillation,
45
25
f(BCLK)=32kHz,
Wait mode (2),
Oscillation capacity
Low
Idet4
Voltage down detection dissipation current (4)
4
µA
0.6
Idet3
Reset level detection dissipation current (4)
2
µA
0.4
Idet2
RAM retention limit detection dissipation current (4)
4
µA
0.9
No division, Ring oscillation
8
Vcc1=3.0V
mA
Flash memory
12
f(BCLK)=10MHz,
Program
Vcc1=3.0V
mA
Flash memory
22
f(BCLK)=10MHz,
Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com