Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 6Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 7Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 8Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 9Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 10Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 11Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 12Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 13Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 10
Figure 1.3 Type No., Memory Size, and Package
Package type:
FP : Package
100P6S-A
GP : Package
80P6Q-A, 100P6Q-A, 128P6Q-A
ROM No.
Omitted for flash memory version and
external ROM version
Memory type:
M: Mask ROM version
F: Flash memory version
S: External ROM version
Type No.
M 3 0 6 2 6 M H P – X X X F P
M16C/62 Group
M16C Family
Shows RAM capacity, pin count, etc
Numeric
: M16C/62P
Alphabet
: M16C/62PT
ROM capacity:
6: 48K bytes
8: 64K bytes
A: 96K bytes
C: 128K bytes
E: 192K bytes
G: 256K bytes
W: 320K bytes
H: 384K bytes
J: 512K bytes
Classification
P : M16C/62P
T : T version (M16C/62PT)
V : V version (M16C/62PT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com