Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M30624FGPFP Datasheet HTML 1Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 2Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 3Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 4Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 5Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 6Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 7Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 8Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 5
1.3 Block Diagram
Figure 1.1 is a block diagram of the M16C/62 group (M16C/62P, M16C/62PT) 128-pin and 100-pin version,
figure 1.2 is a block diagram of the M16C/62 group (M16C/62P, M16C/62PT) 80-pin version.
Figure 1.1 M16C/62 Group (M16C/62P, M16C/62PT) 128-pin and 100-pin version Block Diagram
Output (timer A): 5
Input (timer B): 6
Internal peripheral functions
Watchdog timer
(15 bits)
DMAC
(2 channels)
D-A converter
(8 bits X 2 channels)
Memory
ROM (1)
RAM (2)
A-D converter
(10 bits X 8 channels
Expandable up to 26 channels)
UART or
clock synchronous serial I/O
(8 bits X 3 channels)
System clock
generation circuit
XIN-XOUT
XCIN-XCOUT
PLL frequency synthesizer
Ring oscillator
M16C/60 series16-bit CPU core
Port P0
8
Port P1
8
Port P2
8
8
8
8
Port P6
8
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
SB
ISP
USP
INTB
CRC arithmetic circuit (CCITT )
(Polynomial : X16+X12+X5+1)
Multiplier
NOTES :
1. ROM size depends on microcomputer type.
2. RAM size depends on microcomputer type.
3. Ports P11 to P14 exist only in 128-pin version.
4. Use M16C/62PT on VCC1= VCC2.
Port P5
Port P4
Port P3
Clock synchronous serial I/O
(8 bits X 2 channels)
PC
FLG
Timer (16-bit)
Three-phase motor
control circuit
8
8
8
2
Port P11
Port P12
Port P14
Port P13
(3)
<VCC2 ports>(4)
<VCC1 ports>(4)
<VCC2 ports>(4)
<VCC1 ports>(4)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com