Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 55Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 56Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 57Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 58Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 59Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 60Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 61Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 62Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
VCC1 = VCC2 = 3V
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 59
Table 5.47 Memory expansion and Microprocessor Modes
(for 1- to 3-wait setting and external area access)
Switching Characteristics
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr = – 20 to 85oC / – 40 to 85oC unless otherwise specified)
Symbol
Standard
Measuring condition
Max.
Min.
ParameterUnit
td(BCLK-AD)
Address output delay time30ns
th(BCLK-AD)
Address output hold time (refers to BCLK)4
ns
th(BCLK-CS)
Chip select output hold time (refers to BCLK)4
ns
td(BCLK-ALE)
ALE signal output delay time25ns
th(BCLK-ALE)
ALE signal output hold time
–4
ns
td(BCLK-RD)
RD signal output delay time30ns
th(BCLK-RD)
RD signal output hold time0
ns
td(BCLK-WR)
WR signal output delay time30ns
th(BCLK-WR)
WR signal output hold time0
ns
td(BCLK-DB)
Data output delay time (refers to BCLK)40ns
th(BCLK-DB)
Data output hold time (refers to BCLK)(3)
4ns
th(WR-DB)
Data output hold time (refers to WR)(3)
ns
td(DB-WR)
Data output delay time (refers to WR)ns
1. Calculated according to the BCLK frequency as follows:
f(BCLK)
(n–0.5) X 109
– 40
[ns]
td(BCLK-CS)
Chip select output delay time30ns
th(RD-AD)
Address output hold time (refers to RD)0
ns
th(WR-AD)
Address output hold time (refers to WR)
(Note 2)
ns
3. This standard value shows the timing when the output is off,
and does not show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-up
(pull-down) resistance value.
Hold time of data bus is expressed in
t = –CR X ln (1 – VOL / VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30pF, R = 1k
Ω, hold time
of output “L” level is
t = – 30pF X 1k
Ω X ln (1 – 0.2VCC2 / VCC2)
= 6.7ns.
DBi
R
C
(Note 1)
(Note 2)
2. Calculated according to the BCLK frequency as follows:
f(BCLK)
0.5 X 109
[ns]
n is “1” for 1-wait setting, “2” for 2-wait setting
and “3” for 3-wait setting.
When n=1, f(BCLK) is 12.5MHz or less.
– 10
NOTES:
HLDA output delay time
40ns
td(BCLK-HLDA)
See Figure 5.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com