Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 33Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 34Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 35Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 36Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 37Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 38Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 39Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 40Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 37
VCC1 = VCC2 = 5V
Table 5.12 Electrical Characteristics (2) (1)
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
ICC
Power supply current
(VCC1=4.0 to 5.5V)
No division, PLL operation
mA
In single-chip mode, the output
pins are open and other pins are
VSS
14
20
f(BCLK)=24MHz,
No division, PLL operation
mA
18
f(BCLK)=24MHz,
Mask ROM
27
Flash memory
15mA
Flash memory
Program
VCC1=5.0V
f(BCLK)=10MHz,
25mA
Flash memory
Erase
VCC1=5.0V
f(BCLK)=10MHz,
Topr=25
°C
3.0
µA
Stop mode,
f(BCLK)=32kHz,
Wait mode (2),
Oscillation capacity High
7.5
µA
0.8
2.0
µA
Mask ROM
Flash memory
NOTES:
1. Referenced to VCC1=VCC2= 4.2 to 5.5V, VSS=0V at Topr = -20 to 85
°C / -40 to 85 °C, f(BCLK)=24MHz unless otherwise specified.
2. With one timer operated using fC32.
3. This indicates the memory in which the program to be executed exists.
4. Idet is dissipation current when the following bit is set to “1” (detection circuit enabled).
Idet4: VC27 bit of VCR2 register
Idet3: VC26 bit of VCR2 register
Idet2: VC25 bit of VCR2 register
mA
1.8
Wait mode
µA
Low power dissipation mode,
ROM (3)
f(XCIN)=32kHz,
µA
Mask ROM
Low power dissipation mode,
RAM (3)
f(BCLK)=32kHz
420
µA
Low power dissipation mode,
Flash memory (3)
f(BCLK)=32kHz,
µA
Flash memory
25
Ring oscillation,
50
mA
1
No division, Ring oscillation
25
f(BCLK)=32kHz,
Wait mode (2),
Oscillation capacity
Low
Idet4
Voltage down detection dissipation current (4)
4
µA
0.7
Idet3
Reset area detection dissipation current (4)
8
µA
1.2
Idet2
RAM retention limit detection dissipation current (4)
6
µA
1.1
No division, Ring oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com