Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 42Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 43Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 44Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 45Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 46Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 47Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 48Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 49Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
VCC1 = VCC2 = 5V
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 46
Figure 5.4 Timing Diagram (3)
Measuring conditions :
• VCC1=VCC2=5V
• Input timing voltage : Determined with VIL=1.0V, VIH=4.0V
• Output timing voltage : Determined with VOL=2.5V, VOH=2.5V
Memory Expansion Mode, Microprocessor Mode
BCLK
HOLD input
HLDA output
P0, P1, P2,
P3, P4,
P5_0 to P5_2 (1)
(Common to setting with wait and setting without wait)
NOTES:
1. These pins are set to high-impedance regardless of the input level of the
BYTE pin, PM06 bit in PM0 register and PM11 bit in PM1 register.
th(BCLK–HOLD)
tsu(HOLD–BCLK)
(Effective for setting with wait)
td(BCLK–HLDA)
td(BCLK–HLDA)
Hi–Z
RDY input
tsu(RDY–BCLK)
th(BCLK–RDY)
BCLK
RD
(Multiplexed bus)
(Multiplexed bus)
WR, WRL, WRH
WR, WRL, WRH
(Separate bus)
RD
(Separate bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com