Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 47Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 48Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 49Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 50Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 51Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 52Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 53Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 54Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
VCC1 = VCC2 = 5V
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 51
Figure 5.9 Timing Diagram (8)
Memory Expansion Mode, Microprocessor Mode
(For 1- or 2-wait setting, external area access and multiplex bus selection)
BCLK
CSi
td(BCLK-CS)
25ns.max
ADi
td(BCLK-AD)
25ns.max
ALE
th(BCLK-ALE)
-4ns.min
RD
25ns.max
th(BCLK-RD)
0ns.min
th(BCLK-AD)
4ns.min
th(BCLK-CS)
4ns.min
tcyc
th(RD-CS)
th(RD-AD)
BHE
ADi
/DBi
th(RD-DB)
0ns.min
td(AD-ALE)
Read timing
td(BCLK-WR)
25ns.max
th(BCLK-WR)
0ns.min
BCLK
CSi
td(BCLK-CS)
25ns.max
ADi
td(BCLK-AD)
25ns.max
ALE
25ns.max
th(BCLK-ALE)
-4ns.min
th(BCLK-AD)
4ns.min
th(BCLK-CS)
4ns.min
tcyc
th(WR-AD)
BHE
td(BCLK-DB)
40ns.max
4ns.min
th(BCLK-DB)
td(DB-WR)
th(WR-DB)
ADi
/DBi
Data output
WR,WRL,
WRH
Write timing
Address
(0.5 X tcyc-10)ns.min
Address
Data input
40ns.min
(0.5 X tcyc-10)ns.min
td(BCLK-ALE)
td(BCLK-RD)
(0.5 X tcyc-10)ns.min
th(WR-CS)
Address
td(AD-ALE)
(0.5 X tcyc-25)ns.min
(1.5 X tcyc-40)ns.min
(0.5 X tcyc-10)ns.min
td(BCLK-ALE)
(0.5 X tcyc-25)ns.min
Address
25ns.max
tsu(DB-RD)
tac3(RD-DB)
(0.5 X tcyc-10)ns.min
(0.5 X tcyc-15)ns.min
td(AD-RD)
0ns.min
tdZ(RD-AD)
8ns.max
td(AD-WR)
0ns.min
Measuring conditions
• VCC1=VCC2=5V
• Input timing voltage
: VIL=0.8V, VIH=2.0V
• Output timing voltage : VOL=0.4V, VOH=2.4V
th(ALE-AD)
(1.5 X tcyc-45)ns.max
tcyc=
1
f(BCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com