Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 79Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 80Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 81Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 82Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 83Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 84Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 85Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 86Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 87Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
A-1
M16C/62 Group (M16C/62P, M16C/62PT) Data Sheet
1.10 May/28/Y03
(Continued)
2.00 Oct./29/Y03
Table 1.1.1 is partly revised.
Table 1.1.2 and 1.1.3 is partly revised.
SFR is partly revised.
“Note 1” is partly revised.
Table 1.5.3 is partly revised.
Table 1.5.5 is partly revised.
Table 1.5.6 is added.
Table 1.5.9 is partly revised.
Notes 1 and 2 in Table 1.5.26 is partly revised.
Notes 1 in Table 1.5.27 is partly revised.
Note 3 is added to “Data output hold time (refers to BCLK)” in Table 1.5.26 and
1.5.27.
Note 4 is added to “th(ALE-AD)” in Table 1.5.28.
Switching Characteristics is partly revised.
th(WR-AD) and th(WR-DB) in Figure 1.5.5 to 1.5.8 is partly revised.
th(ALE-AD), th(WR-CS), th(WR-DB) and th(WR-AD) in Figure 1.5.9 to 1.5.10 is
partly revised.
Note 2 is added to Table 1.5.29.
Notes 1 and 2 in Table 1.5.45 is partly revised.
Notes 1 in Table 1.5.46 is partly revised.
Note 3 is added to “Data output hold time (refers to BCLK)” in Table 1.5.45 and
1.5.46.
Note 4 is added to “th(ALE-AD)” in Table 1.5.47.
Switching Characteristics is partly revised.
th(WR-AD) and th(WR-DB) in Figure 1.5.15 to 1.5.18 is partly revised.
th(ALE-AD), th(WR-CS), th(WR-DB) and th(WR-AD) in Figure 1.5.19 to 1.5.20 is
partly revised.
Since high reliability version is added, a group name is revised.
M16C/62 Group (M16C/62P) Æ M16C/62 Group (M16C/62P, M16C/62PT)
Table 1.1 to 1.3 are revised.
Note 3 is partly revised.
Figure 1.2 Note5 is deleted.
Table 1.4 to 1.7 Product List is partly revised.
Table 1.8 and Figure 1.4 are added.
Figure 1.5 to 1.9 ZP is added.
Table 1.10 and 1.12 ZP is added to timer A.
Table 1.11 and 1.13 VCC1 is added to VREF.
Table 5.1 is revised.
Table 5.2 and 5.3 are revised.
Table 5.4 A-D Conversion Characteristics is revised.
Table 5.5 D-A Conversion Characteristics revised.
Table 5.6 to 5.7 and table 5.54 to 5.55 are revised.
Table 5.11 is revised.
Table 5.14 and 5.33 HLDA output deley time is deleted.
Figure 5.1 is partly revised.
Table 5.27 to 5.29 and table 5.46 to 48 HLDA output deley time is added.
Figure 5.2 Timing Diagram (1)
XIN input is added.
2
4-5
14-19
22
23
24
30
31
30-31
32
30-32
36-39
40-41
42
47
48
47-48
49
47-49
53-56
57-58
-
2-4
6
7-9
11
12-15
17,19
18,20
30
31-32
33
34,74
36
38,55
41
41-43,
58-60
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com