Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 209 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 209 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 205Page - ATMEL Corporation ATMEGA640 Datasheet HTML 206Page - ATMEL Corporation ATMEGA640 Datasheet HTML 207Page - ATMEL Corporation ATMEGA640 Datasheet HTML 208Page - ATMEL Corporation ATMEGA640 Datasheet HTML 209Page - ATMEL Corporation ATMEGA640 Datasheet HTML 210Page - ATMEL Corporation ATMEGA640 Datasheet HTML 211Page - ATMEL Corporation ATMEGA640 Datasheet HTML 212Page - ATMEL Corporation ATMEGA640 Datasheet HTML 213Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 449 page
background image
209
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
USART
The Universal Synchronous and Asynchronous serial Receiver and Transmitter
(USART) is a highly flexible serial communication device. The main features are:
• Full Duplex Operation (Independent Serial Receive and Transmit Registers)
• Asynchronous or Synchronous Operation
• Master or Slave Clocked Synchronous Operation
• High Resolution Baud Rate Generator
• Supports Serial Frames with 5, 6, 7, 8, or 9 Data Bits and 1 or 2 Stop Bits
• Odd or Even Parity Generation and Parity Check Supported by Hardware
• Data OverRun Detection
• Framing Error Detection
• Noise Filtering Includes False Start Bit Detection and Digital Low Pass Filter
• Three Separate Interrupts on TX Complete, TX Data Register Empty and RX Complete
• Multi-processor Communication Mode
• Double Speed Asynchronous Communication Mode
Quad USART
The ATmega640/1280/2560 has four USART’s, USART0, USART1, USART2, and
USART3. The functionality for all four USART’s is described below. USART0, USART1,
USART2, and USART3 have different I/O registers as shown in “Register Summary” on
page 416.
Overview
A simplified block diagram of the USART Transmitter is shown in Figure 82 on page
210. CPU accessible I/O Registers and I/O pins are shown in bold.
The Power Reducion USART0 bit, PRUSART0, in “PRR0 – Power Reduction Register
0” on page 55 must be disabled by writing a logical zero to it.
The Power Reducion USART1 bit, PRUSART1, in “PRR1 – Power Reduction Register
1” on page 56 must be disabled by writing a logical zero to it.
The Power Reducion USART2 bit, PRUSART2, in “PRR1 – Power Reduction Register
1” on page 56 must be disabled by writing a logical zero to it.
The Power Reducion USART3 bit, PRUSART3, in “PRR1 – Power Reduction Register
1” on page 56 must be disabled by writing a logical zero to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com