Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 36Page - NXP Semiconductors PCD5013 Datasheet HTML 37Page - NXP Semiconductors PCD5013 Datasheet HTML 38Page - NXP Semiconductors PCD5013 Datasheet HTML 39Page - NXP Semiconductors PCD5013 Datasheet HTML 40Page - NXP Semiconductors PCD5013 Datasheet HTML 41Page - NXP Semiconductors PCD5013 Datasheet HTML 42Page - NXP Semiconductors PCD5013 Datasheet HTML 43Page - NXP Semiconductors PCD5013 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
1999 Apr 12
40
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
Table 38 Frame assignment packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300100
f2
f1
f0
200000000
1AF15
AF14
AF13
AF12
AF11
AF10
AF9
AF8
0AF7
AF6
AF5
AF4
AF3
AF2
AF1
AF0
8.7
Call data packets
8.7.1
GENERAL
The PCD5013 sends data extracted from the
FLEX
™ signal to the host in SPI packets using the
following packet types:
• BIW packets which contain data transmitted in BIWs
• Address packets which indicate that a call has been
detected and give additional information about call
attributes
• Vector packets which indicate the call type and indicate
which message word numbers (WN) are associated
with the call
• Message packets which contain the information
contained within the message codewords of a call.
For more information about the function of these packets
within the FLEX
™ data stream see Section 8.8.
8.7.2
ADDRESS PACKET (ID = 01H)
Information from address codewords in received calls is
sent to the host in address packets. If less than 3-bit errors
are detected in a received address word and it matches an
enabled address assigned to the PCD5013, the address
packet is sent to the host processor. The address packet
contains the call address, the location in the data stream
of the associated vector, and other miscellaneous call
data.
PA: priority address (Table 39). This bit is set if the
address was received as a priority address.
p: phase (Table 39). This is the phase on which the
address was detected (0 = A,1=B,2=Cand3=D).
LA: long address (Table 39). This bit is set if the address
was programmed in the PCD5013 as a LA.
AI: address index (Table 39). This index identifies which
address was detected. Valid values are 00H to 0FH,
corresponding to the 16 programmable address words
and 80H to 8FH, corresponding to the 16 temporary
addresses (Section 8.8.5). Values 144 through to 159
correspond to 16 operator messaging addresses.
For long addresses, the address packet is only sent once
with AI referring to the second word of the address.
TOA: tone-only address (Table 39). This bit is set if the
address was programmed as a tone-only address.
No vector word is sent for tone-only addresses. This bit is
never set for temporary or operator messaging addresses.
WN: word number of vector (2 to 87 decimal) (Table 39).
The location of the vector within this frame for the detected
address. This value is invalid for this packet if the TOA bit
is set.
x: unused bits (Table 39). The value of these bits is not
guaranteed.
8.7.3
VECTOR PACKETS (ID = 02H TO 57H)
Information from vector codewords in received calls is sent
to the host in vector packets. For any address packet sent
to the host (except tone-only addresses), a corresponding
vector packet is always sent.
The ID of the vector packet is the word number where the
vector word was received in the frame. The host must
associate vector packets with a call by searching for an
address packet previously received on the same phase
and with WN bits which match the ID of the vector packet.
The vector type of a vector packet indicates the format of
a call as one of:
• Numeric (3 types)
• Short message/tone-only
• Hex/binary
• Alphanumeric
• Secure message
• Short instruction.
The numeric, hex/binary, alphanumeric, and secure
message vector packets indicate the location and number
of message word packets in the message field. If more
than two bit errors are detected in the vector word (via
BCH calculations, parity calculations, check character
calculations, or value validation) the e bit is set and the
message words are not sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com