Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 48Page - NXP Semiconductors PCD5013 Datasheet HTML 49Page - NXP Semiconductors PCD5013 Datasheet HTML 50Page - NXP Semiconductors PCD5013 Datasheet HTML 51Page - NXP Semiconductors PCD5013 Datasheet HTML 52Page - NXP Semiconductors PCD5013 Datasheet HTML 53Page - NXP Semiconductors PCD5013 Datasheet HTML 54Page - NXP Semiconductors PCD5013 Datasheet HTML 55Page - NXP Semiconductors PCD5013 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
1999 Apr 12
52
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
i: Local ID (Table 59). A Local ID along with the Coverage
Zone, Country Code and Traffic Management Flags define
a specific simulcast coverage area for SSID roaming.
C: Coverage Zone (Table 59). A Coverage Zone along
with a Local ID, Country Code and Traffic Management
Flags define a specific simulcast coverage area for SSID
roaming.
m: month field (Table 59). 0001 to 1100 binary
correspond to January to December in month order.
d: day field (Table 59). 00001 to 11111 binary correspond
to 1 to 31 days in the month.
Y: year field (Table 59). This represents the year with
modulo 32 arithmetic. 00000 to 11111 binary representing
years 1994 to 2025 and 2026 to 2057.
S: seconds field (Table 59). This represents a coarse
value of the seconds field. These bits represent the
seconds in 1
⁄8 minute (7.5 s) increments.
000 to 111 binary correspond to 0 to 52.5 seconds.
M: minute field (Table 59). 000000 to 111011 binary
correspond to 0 to 59 minutes.
H: hour field (Table 59). 00000 to 10111 binary
correspond to 0 to 23 hours.
L: daylight savings time (Table 59). When this bit is set,
the time being transmitted is local standard time. When it
is clear, the time being transmitted is daylight savings time.
z: time zone (Table 59). These bits indicate the time zone
for the time which is being transmitted. The offset
from GMT is the offset for local standard time. Table 60
describes the values for z.
c: Country code (Table 59) identified in the CCITT (ITU-T)
Standard E.212, Annex A.
T: Traffic management flags (Table 59). indicate a
possible assignment of any combination of 4 groups of
traffic to an RF channel. Each roaming subscriber unit,
after finding an RF channel which matches its
programmed Local ID, Coverage Zone and Country Code
responds to only one of the 4 Traffic Management Flags.
When one or more of the transmitted Traffic Management
Flags are set to O, subscriber units assigned to those
traffic groups must find another RF channel with the same
LID, Coverage Zone and Country Code information with its
assigned Traffic Flag set to 1.
Table 60 Time zone values
z4
z3
z2
z1
z0
TIME ZONE
000
0
0
GMT
0
0
0
0
1
GMT + 01:00h
0
0
0
1
0
GMT + 02:00h
0
0
0
1
1
GMT + 03:00h
0
0
1
0
0
GMT + 04:00h
0
0
1
0
1
GMT + 05:00h
0
0
1
1
0
GMT + 06:00h
0
0
1
1
1
GMT + 07:00h
0
1
0
0
0
GMT + 08:00h
0
1
0
0
1
GMT + 09:00h
0
1
0
1
0
GMT + 10:00h
0
1
0
1
1
GMT + 11:00h
0
1
1
0
0
GMT + 12:00h
0
1
1
0
1
GMT + 03:30h
0
1
1
1
0
GMT + 04:30h
0
1
1
1
1
GMT + 05:30h
1
0
0
0
0
reserved
1
0
0
0
1
GMT + 05:45h
1
0
0
1
0
GMT + 06:30h
1
0
0
1
1
GMT + 09:30h
101
0
0
GMT
− 03:30h
101
0
1
GMT
− 11:00h
101
1
0
GMT
− 10:00h
101
1
1
GMT
− 09:00h
110
0
0
GMT
− 08:00h
110
0
1
GMT
− 07:00h
110
1
0
GMT
− 06:00h
110
1
1
GMT
− 05:00h
111
0
0
GMT
− 04:00h
111
0
1
GMT
− 03:00h
111
1
0
GMT
− 02:00h
111
1
1
GMT
− 01:00h
z4
z3
z2
z1
z0
TIME ZONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com