Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 26Page - NXP Semiconductors PCD5013 Datasheet HTML 27Page - NXP Semiconductors PCD5013 Datasheet HTML 28Page - NXP Semiconductors PCD5013 Datasheet HTML 29Page - NXP Semiconductors PCD5013 Datasheet HTML 30Page - NXP Semiconductors PCD5013 Datasheet HTML 31Page - NXP Semiconductors PCD5013 Datasheet HTML 32Page - NXP Semiconductors PCD5013 Datasheet HTML 33Page - NXP Semiconductors PCD5013 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
1999 Apr 12
30
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.5.5.3
Receiver warm-up setting packets
(ID = 11H to 15H)
CLS: control line setting (Table 22). This is the value to be
output on the receiver control lines (S0 to S7) for this
receiver warm-up state. Value after reset = 0.
SE: step enable (Table 22). The receiver setting is
enabled when the bit is set. If the bit is cleared then that
step in the receiver warm-up sequence is disabled and all
following steps are ignored. Value after reset = 0.
LBC: low battery check (Table 22). If this bit is set, the
PCD5013 checks the status of the LOBAT port just before
leaving this receiver warm-up state. Value after reset = 0.
ST: step time (Table 22). This sets the duration time for
receiver warm-up until the next receiver state. The setting
is in 625
µs steps and valid values are:
625
µs (ST = 01H) to 79.375 ms (ST = 7FH).
Value after reset = 01H.
s: setting number, see Tables 21 and 22 for the s names
and values and location in the receiver warm-up packet.
Table 21 Receiver warm-up setting numbers
Table 22 Receiver warm-up setting packet bit assignments
s3
s2
s1
s0
SETTING NAME
0
0
0
1
warm-up 1
0
0
1
0
warm-up 2
0
0
1
1
warm-up 3
0
1
0
0
warm-up 4
0
1
0
1
warm-up 5
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
30001
s3
s2
s1
s0
2SE0
0
0
LBC
0
0
0
1
CLS7
CLS6
CLS5
CLS4
CLS3
CLS2
CLS1
CLS0
00
ST6
ST5
ST4
ST3
ST2
ST1
ST0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com