Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 25Page - NXP Semiconductors PCD5013 Datasheet HTML 26Page - NXP Semiconductors PCD5013 Datasheet HTML 27Page - NXP Semiconductors PCD5013 Datasheet HTML 28Page - NXP Semiconductors PCD5013 Datasheet HTML 29Page - NXP Semiconductors PCD5013 Datasheet HTML 30Page - NXP Semiconductors PCD5013 Datasheet HTML 31Page - NXP Semiconductors PCD5013 Datasheet HTML 32Page - NXP Semiconductors PCD5013 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
1999 Apr 12
29
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.5.5
RECEIVER WARM-UP SEQUENCES
8.5.5.1
Normal receiver warm-up sequence
The PCD5013 allows for up to 6 steps associated with
warming-up the receiver. When the PCD5013 turns on the
receiver while decoding, it starts the warm-up sequence
160 ms before it requires valid signals at the EXTS1 and
EXTS0 input pins.
1. The PCD5013 leaves the receiver control lines in the
off state for the programmed warm-up off time.
2. The first warm-up setting, if enabled, is applied to the
receiver control lines for the amount of time
programmed for that setting.
3. Subsequent warm-up settings are applied to the
receiver control lines for their corresponding time until
a disabled warm-up setting is found.
4. At the end of the last used warm-up setting, the
1600 symbols per second (sps) sync setting or the
3200 sps sync setting is applied to the receiver control
lines depending on the PCD5013 current state.
The PCD5013 must be configured such that the sum of all
of the used warm-up times and the warm-up off time does
not exceed 160 ms. If it exceeds 160 ms, the PCD5013
executes the receiver shut-down sequence 160 ms after
the start of the warm-up off time. If the sum of all of the
used warm-up times and the warm-up off times is less than
160 ms, the receiver remains in the 1600 sps sync setting
or the 3200 sps sync setting from the end of the last used
warm-up setting until valid signals are expected (160 ms
after the start of the warm-up off time). Figure 12 shows
the receiver warm-up sequence while decoding, when all
warm-up settings are enabled.
8.5.5.2
Host initiated receiver warm-up sequence
A host can initiate a receiver warm-up sequence is by one
of the following actions:
• Turning on the PCD5013 by setting the ON bit in the
control packet
• Requesting a noise detect by setting the SND bit in the
roaming control packet
• Requesting an A-word search by setting the SAS bit in
the roaming control packet.
A host initiated receiver warm-up sequence (see Fig.13)
differs from the sequence described in Section 8.5.5.1.
No receiver warm-up off time is applied, instead the
PCD5013 immediately begins to apply the receiver
warm-up settings. Once a disabled warm-up setting is
found, the “3200 sps sync setting” (for ON and SND
warm-ups) or the “1600 sps sync setting” (for SAS
warm-ups) is applied to the receiver control lines.
The decoder then expects valid signals after the 3200 sps
sync warm-up time.
Fig.12 Receiver warm-up sequence while decoding.
handbook, full pagewidth
MGK265
receiver
control
line setting
warm-up
off time
warm-up
time 1
warm-up
setting 1
possible
LOBAT
check
off
warm-up
time 2
warm-up
setting 2
possible
LOBAT
check
possible
LOBAT
check
warm-up
time 3
160 ms
warm-up
setting 3
possible
LOBAT
check
warm-up
time 4
warm-up
setting 4
possible
LOBAT
check
warm-up
time 5
warm-up
setting 5
possible
LOBAT
check
1600 sps or 3200 sps
sync setting
EXTS1 & EXTS0
signals are expected
to be valid here
Fig.13 First receiver warm-up sequence after turning decoding on.
handbook, full pagewidth
MGK266
receiver
control
line setting
warm-up
time 1
warm-up
setting 1
possible
LOBAT
check
off
warm-up
time 2
warm-up
setting 2
possible
LOBAT
check
possible
LOBAT
check
warm-up
time 3
warm-up
setting 3
possible
LOBAT
check
warm-up
time 4
warm-up
setting 4
possible
LOBAT
check
warm-up
time 5
warm-up
setting 5
possible
LOBAT
check
3200 sps sync
warm-up
time
3200 sps
sync setting
EXTS1 & EXTS0
signals are expected
to be valid here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com