Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 37Page - NXP Semiconductors PCD5013 Datasheet HTML 38Page - NXP Semiconductors PCD5013 Datasheet HTML 39Page - NXP Semiconductors PCD5013 Datasheet HTML 40Page - NXP Semiconductors PCD5013 Datasheet HTML 41Page - NXP Semiconductors PCD5013 Datasheet HTML 42Page - NXP Semiconductors PCD5013 Datasheet HTML 43Page - NXP Semiconductors PCD5013 Datasheet HTML 44Page - NXP Semiconductors PCD5013 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
1999 Apr 12
41
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
Table 39 Address packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300000001
2PA
p1
p0
LA
xxxx
1AI7
AI6
AI5
AI4
AI3
AI2
AI1
AI0
0
TOA
WN6
WN5
WN4
WN3
WN2
WN1
WN0
8.7.4
NUMERIC VECTOR PACKET
WN: word number of vector (2 to 87 decimal) (Table 40).
WN describes the location of the vector word in the frame.
e: error (Table 40). Set if more than 2-bit errors are
detected in the word, if the check character calculation fails
after error correction has been performed, or if the vector
value is determined to be invalid.
p: phase (Table 40). This is the phase on which the vector
was found (0 = A, 1 = B,2=Cand3=D).
x: unused bits (Table 40). The value of these bits is not
guaranteed.
V: vector type identifier (Table 41).
K: first check bits of the message checksum
(Table 40 and Section 8.8.7).
n: number of message words in the message (Table 40),
including the second vector word for long addresses,
(000 = 1 word message, 001 = 2 word message, etc.).
For long addresses, the first message word is located in
the word location that immediately follows the associated
vector.
b: word number of message start in the message field
(3 to 87 decimal) (Table 40). For long addresses, the word
number indicates the location of the second message
word.
Table 40 Numeric vector packet bit assignments
Table 41 Numeric vector definitions
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
30
WN6
WN5
WN4
WN3
WN2
WN1
WN0
2e
p1
p0
xx
V2
V1
V0
1x
x
K3
K2
K1
K0
n2
n1
0n0
b6
b5
b4
b3
b2
b1
b0
V2
V1
V0
TYPE
DESCRIPTION
0
1
1
standard numeric
No special formatting of characters is specified.
1
0
0
special format numeric
Formatting of the received characters is predetermined by
special rules in the host (e.g. inserting spaces and dashes).
1
1
1
numbered numeric
Received information is numbered by the service provider to
indicate all messages have been properly received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com