Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 27Page - NXP Semiconductors PCD5013 Datasheet HTML 28Page - NXP Semiconductors PCD5013 Datasheet HTML 29Page - NXP Semiconductors PCD5013 Datasheet HTML 30Page - NXP Semiconductors PCD5013 Datasheet HTML 31Page - NXP Semiconductors PCD5013 Datasheet HTML 32Page - NXP Semiconductors PCD5013 Datasheet HTML 33Page - NXP Semiconductors PCD5013 Datasheet HTML 34Page - NXP Semiconductors PCD5013 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
1999 Apr 12
31
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.5.6
ACTIVE RECEIVER STATES
8.5.6.1
General
In addition to the warm-up and shut-down states, the PCD5013 has four active receiver states. When these settings are
applied to the receiver control lines, the PCD5013 is decoding the EXTS1 and EXTS0 input signals. The timing of these
signals and their duration depends on the FLEX
™ data stream. Because of this, there is no time setting associated with
these settings (with the exception of the 3200 sps sync setting).
The four settings are as follows:
1600 sps sync setting: applied when the PCD5013 searches for a 1600 sps signal.
3200 sps sync setting: applied when the PCD5013 searches for a 3200 sps signal.
1600 sps data setting: applied after the PCD5013 has found the C or C sync word in the sync 2 section of a
1600 sps frame.
3200 sps data setting: applied after the PCD5013 has found the C or C sync word in the sync 2 section of a
3200 sps frame.
Figure 14 shows some examples of how these settings are used in the PCD5013.
Fig.14 Examples of receiver control transitions.
handbook, full pagewidth
MGK268
receiver
control
line setting
example #1
frame
info
block 10
block 0
possible
LOBAT
check
possible
LOBAT
check
possible
LOBAT
check
1600 sps data or 3200 sps data
or last used warm up setting
1600 sps
sync setting
sync 1
sync 2
3200 sps
data setting
3200 sps
sync setting
receiver
control
line setting
example #2
possible
LOBAT
check
possible
LOBAT
check
1600 sps data or 3200 sps data
or last used warm up setting
1600 sps
sync setting
1600 sps
data setting
FLEXTM
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com