| Electronic Components Datasheet Search |
|
PCD5013 Datasheet(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5013 Datasheet(HTML) 54 Page - NXP Semiconductors |
|
54 / 76 page ![]() 1999 Apr 12 54 Philips Semiconductors Product specification FLEX ™ roaming decoder II PCD5013 8.8.2 FLEX ™ ROAMING STRUCTURE The FLEX ™ paging protocol defines two methods for supporting roaming pagers: • Simulcast System identification (SSID) roaming, where pagers scan a pre-programmed set of channels and identify each simulcast area which is to be included in the desired roaming area • Network identification (NID) roaming where pagers examine all frequencies within the subscriber units’s range for the presence of a marker (NID). The NID indicates whether the channel is affiliated with the desired roaming network. A Simulcast System Identifier (SSID) is carried in the Block Identification Field. A SSID is composed of a Local Identifier (LID), a Coverage Zone, a Country Code and Traffic Management Flags. These components define a simulcast area which is unique worldwide. An LID is unique within a Country Code and cannot be reassigned to another operator in any paging RF band. A Network Identifier (NID) is carried in the address and vector fields. NIDs are unique within an RF band and are composed of a Network Address, a Service Area Identifier, a Multiplier and Traffic Management Flags. An RF channel may combine roaming traffic from several different Service Providers by carrying their respective NIDs. NIDs and SSIDs are referred to as Roaming IDs. In addition pagers may be programmed to search for calls on a channel without finding an SSID or an NID in order to receive calls on that RF channel. In this case the Roaming ID associated with the channel is programmed within the pager as having ANY ID. 8.8.2.1 Example Roaming System Figure 17 shows six RF frequencies servicing three cities. NID1 is used to identify a network covering all three cities and SSIDs A, B and C identify the specific simulcast areas covering cities A, B and C. In city C, the large amount of traffic has resulted in the service provider activating additional RF channels identified as a, b, d, e and f. In this example, the pager is assigned Roaming IDs as follows: SSIDC NID1 traffic management group 2 (0100) Thus the pager will monitor frequencies as follows: fb when in the area of city A fc when in the area of city B fd when in the area of city C. For further information on FLEX ™ Roaming, see the “FLEX™ specification G1.9”. Fig.17 Roaming system example. handbook, full pagewidth NID1 - 0011 SSIDC - 0000 ff fe fd fb fc fa MGL555 NID1 - 0000 SSIDC - 1000 NID1 - 0000 SSIDC - 0100 NID1 - 0000 SSIDC - 0010 NID1 - 1100 SSIDC - 0001 City C City B Pager is assigned SSIDC as Home with NID1 active away from Home. Pager is assigned to TMG 2 (0100 - 3rd flag from right). Frequency list contains fa, fb, fc, fd, fe and ff. NID1 - 1111 SSIDA - 1111 City A NID1 - 1111 SSIDB - 1111 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |