Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 30Page - NXP Semiconductors PCD5013 Datasheet HTML 31Page - NXP Semiconductors PCD5013 Datasheet HTML 32Page - NXP Semiconductors PCD5013 Datasheet HTML 33Page - NXP Semiconductors PCD5013 Datasheet HTML 34Page - NXP Semiconductors PCD5013 Datasheet HTML 35Page - NXP Semiconductors PCD5013 Datasheet HTML 36Page - NXP Semiconductors PCD5013 Datasheet HTML 37Page - NXP Semiconductors PCD5013 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
1999 Apr 12
34
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.6
Configuration of the FLEX
™ CAPCODE
8.6.1
GENERAL
A CAPCODE specifies a decoder address, the collapse
value of the address and whether single-phase, any-phase
or all-phase address. The PCD5013 supports
single-phase and any-phase operation. The FLEX
™
protocol provides a standard mechanism to derive phase
and frame in which an address should be transmitted.
If this mechanism is not used, a CAPCODE also specifies
the phase and frame assigned to the address.
8.6.2
CAPCODE FORMAT
The FLEX
™ CAPCODE consist of a series of decimal and
alphabetic fields, see Fig.16 for the field definitions.
When the FLEX
™ standard pager collapse value of 4
(battery cycle of 16 frames) is used, the pager collapse
field can be omitted.
The collapse value is a number between 0 and 7 and
defines how often the decoding device looks for messages
on the FLEX
™ channel. For a given collapse value b, the
decoding device looks in every 2b frames. Thus an
address with an assigned base frame of 3 and a collapse
value of 5 typically looks for messages in frame 3 and
every 32 frames thereafter (i.e. frames 3, 35, 67 and 99).
Fig.16 CAPCODE format.
handbook, full pagewidth
MBK096
P 1 2 2 5 U 2 2 3 4 5 5 0 1 2 1
Frame field, optional 3 digit decimal
field, represents the frame number if
standard frame and phase
embedding rules are not used.
Roaming capability, optional
alphabetic character 'P'
indicates no roaming capabilities.
Pager collapse (battery cycle),
optional 1 digit decimal field
(mandatory if frame number
field is included) indicates pager
collapse value.
Address field, mandatory 7, 9 or 10 digit
decimal field, contains the information from
which the BCH address codewords for this
CAPCODE are derived.
CAPCODE type, mandatory
alphabetic character, indicates rules
for deriving phase and frame from
address field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com