Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 43Page - NXP Semiconductors PCD5013 Datasheet HTML 44Page - NXP Semiconductors PCD5013 Datasheet HTML 45Page - NXP Semiconductors PCD5013 Datasheet HTML 46Page - NXP Semiconductors PCD5013 Datasheet HTML 47Page - NXP Semiconductors PCD5013 Datasheet HTML 48Page - NXP Semiconductors PCD5013 Datasheet HTML 49Page - NXP Semiconductors PCD5013 Datasheet HTML 50Page - NXP Semiconductors PCD5013 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
1999 Apr 12
47
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.7.8.3
Alphanumeric Message
FLEX
™ alphanumeric messages are encoded using the
7-bit encoded alphanumeric character set defined in
Table 52. Characters are placed in codewords along with
additional information about the message as described in
Tables 53 and 54 and the following definitions. The 7-bit
characters of the message are designated lower case
letters a, b, c, d, etc.
Alphanumeric messages can be sent as fragments.
See Section 8.8.6 for a description of message
fragmentation.
Control characters that are not acted upon by the pager
are ignored in the display process (do not require display
space) but are stored in memory for possible download to
an external device. The ASCII character ETX (03H) should
be used to fill any unused 7-bit characters in a word.
Where symbolic characters (e.g. Chinese, Kanji etc.) are
being transmitted, special rules for fragment and message
termination are defined in Section 8.8.6.1.
Each 7-bit field, starting with the second character of the
second word in the message (first character of the second
word in all remaining fragments), represents standard
ASCII (ISO 646-1983E) characters with options for certain
international characters.
Table 52 FLEX
™ alphanumeric character set
LEAST SIGNIFICANT 4 BITS
OF CHARACTER (HEX)
MOST SIGNIFICANT 3 BITS OF CHARACTER (HEX)
01234567
0
NUL
DLE
SP
0
@
P
‘
p
1
SOH
DC1
!
1
A
Q
a
q
2
STX
DC2
“
2
B
R
b
r
3
ETX
DC3
#
3
C
S
c
s
4
EOT
DC4
$
4
D
T
d
t
5
ENQ
NAK
%
5
E
U
e
u
6
ACK
SYN
&
6
F
V
f
v
7
BEL
ETB
’
7
G
W
g
w
8
BS
CAN
(
8
H
X
h
x
9
TAB
EM
)
9
I
Y
i
y
A
LF
SUB
*
:
J
Z
j
z
B
VT
ESC
+
;
K
[
k
{
CFF
FS
,
<
L
\
l
D
CR
GS
-
=
M]m
}
ESO
RS
.
>
N
^
n
~
F
SI
US
/
?
O
_
o
DEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com