Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 21Page - NXP Semiconductors PCD5013 Datasheet HTML 22Page - NXP Semiconductors PCD5013 Datasheet HTML 23Page - NXP Semiconductors PCD5013 Datasheet HTML 24Page - NXP Semiconductors PCD5013 Datasheet HTML 25Page - NXP Semiconductors PCD5013 Datasheet HTML 26Page - NXP Semiconductors PCD5013 Datasheet HTML 27Page - NXP Semiconductors PCD5013 Datasheet HTML 28Page - NXP Semiconductors PCD5013 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
1999 Apr 12
25
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
SMU: synchronous mode update (Table 16). This bit is set
if the SM bit has been updated in this packet. After the
PCD5013 has been turned on, this bit is set when the first
synchronization words are found (SM changes to 1) or
when the first synchronization search period (meaning the
receiver is active during this time) expires (SM stays 0),
after the PCD5013 is turned on. The latter condition gives
the host the option of assuming the paging device is in
range when it is turned on, and displaying out-of-range
only after the initial search period expires. After the initial
synchronous mode update, the SMU bit is set whenever
the PCD5013 switches from/to synchronous mode. The bit
is cleared when read. Changes in the SM bit due to turning
off the PCD5013 does not set the SMU bit. This bit is
initialized to 0 when the PCD5013 is reset.
LB: low battery (Table 16). Set to the value last read from
the LOBAT pin. The host controls when the LOBAT pin is
read via the receiver control packets. This bit is initialized
to 0 at reset. It is also initialized to the inverse of the
LBP bit in the configuration packet, when the PCD5013 is
turned on, by setting the ON bit in the control packet.
LBU: low battery update (Table 16). This bit is set if the
value on two consecutive reads of the LOBAT pin yielded
different results. The bit is cleared when read. The host
controls when the LOBAT pin is read via the receiver
control packets. Changes in the LB bit due to turning on
the PCD5013 do not cause the LBU bit to be set. This bit
is initialized to 0 when the PCD5013 is reset.
EOF: end of frame (Table 16). Set when the PCD5013 is
in all frame mode (AFM) (Section 8.8.4), and the end of
the frame has been reached. The PCD5013 is in the AFM
if the AFM enable counter is non-zero, if any temporary
address enabled (TAE) counter is non-zero (Section 8.8.4)
or if the FAF bit in the AFM packet is set. The bit is cleared
when read and initialized to 0 when the PCD5013 is reset.
MT: minute time-out (Table 16). Set if one minute has
elapsed. The bit is cleared when read. This bit is initialized
to 0 when the PCD5013 is reset.
BOE: buffer overflow error (Table 16). Set when
information has been lost owing to slow host response
time. When the PCD5013 detects that its SPI transmit
buffer has overflowed, it clears the transmit buffer, turns off
decoding by clearing the ON bit in the control packet, and
sets this bit. The bit is cleared when read. This bit is
initialized to 0 when the PCD5013 is reset.
EA: end of addresses (Table 16). If EAE of the control
packet is set and an address is detected in a frame, EA is
set after the PCD5013 processes the last address in the
frame. Since data packets take priority over the status
packet, the status packet with the EA bit set is guaranteed
to come after all address packets for the frame. Cleared
when read. This bit is initialized to 0 when the PCD5013 is
reset.
x: unused bits (Table 16). The value of these bits is not
guaranteed.
8.4.12
RECEIVER SHUTDOWN PACKET (ID = 7EH)
The Receiver Shutdown Packet is sent in both
synchronous and asynchronous mode. It is designed to
indicate to the host that the receiver is turned off and how
much time there is until the PCD5013 automatically turns
it back on. This enables the host to perform other tasks
such as monitoring other pager channels.
FNV: frame number valid (Table 17). This bit is set if the
last decoded frame information word was correctable and
the frame number was the expected value. When in
asynchronous mode, this value is 0.
CF: current frame (Table 17). When in synchronous mode,
this is the current frame number. This value is latched on
the negative edge of the READY line when this packet is
sent to the host. The value of this field is valid only if the
PCD5013 is in synchronous mode and the FIV bit in the
status packet is set. When in asynchronous mode, this
value is 0.
TNF: time to next frame (Table 17). When in synchronous
mode TNF indicates the time to the start of the A-word
check if the PCD5013 were to warm-up for the next frame.
When in asynchronous mode TNF indicates the time to the
start of the next automatic noise detect. See section 8.8.9
for an explanation on how to use this value. This value is
latched on the negative edge of the READY line when this
packet is sent to the host.
FCO: frame carried on (Table 17). Set if the PCD5013 is
decoding the next frame due to the reception of a non-zero
carry-on value in the current or a previous frame. When in
asynchronous mode, this value is 0.
NAF: next assigned frame (Table 17). This is the frame
number of the next frame the PCD5013 was scheduled to
decode when the receiver shut down. The value of this
field is valid only if the PCD5013 is in synchronous mode
and the FIV bit in the status packet is set. When in
asynchronous mode this value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com