| Electronic Components Datasheet Search |
|
PCD5013 Datasheet(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5013 Datasheet(HTML) 37 Page - NXP Semiconductors |
|
37 / 76 page ![]() 1999 Apr 12 37 Philips Semiconductors Product specification FLEX ™ roaming decoder II PCD5013 8.6.5 PHASE AND FRAME CALCULATION The method for specifying phase and base frame of a pager is specified in the CAPCODE type. • The phase and base frame are extracted by standard rules from the user address field in the CAPCODE (CAPCODE types A to L) • The phase is indicated by the CAPCODE type (Table 32) and the base frame is specified in the frame field of the CAPCODE (CAPCODE types U to Z). For easy allocation of (up to 4) consecutive CAPCODEs having the same phase and frame, an offset in the range 0 to 3 is subtracted from the user address for the purposes of phase and frame extraction. The offset is determined by the CAPCODE type. The standard rules for extracting phase and base frame from the user address are (phase numbers 0 to 3 correspond to phases A to D): Phase number = ((Address − Offset) DIV 4) MOD 4 Frame = ((Address − Offset) DIV 16) MOD 128 where DIV is the integer division and MOD is the remainder of an integer division. For a CAPCODE not using the standard rules for extracting phase and base frame (types U to Z) the 3-digit frame field 000 to 127 and a single digit decimal pager collapse 0 to 5 can precede the CAPCODE type. When these fields are not included, the paging device or the subscriber database must be accessed to determine the assigned frame and collapse value. The CAPCODE for a roaming pager uses an Alpha character to describe the level of roaming capability. The Alpha characters descriptions are shown in Table 33. Table 32 Frame and phase extraction for different CAPCODE types Note 1. All-phase decoding is not defined in FLEX ™ G1.8 and, therefore, is not supported by the PCD5013. CAPCODE TYPE PAGER TYPE FRAME/PHASE EXTRACTION A single-phase standard rules; Offset: 0 B single-phase standard rules; Offset: 1 C single-phase standard rules; Offset: 2 D single-phase standard rules; Offset: 3 E any-phase standard rules; Offset: 0 F any-phase standard rules; Offset: 1 G any-phase standard rules; Offset: 2 H any-phase standard rules; Offset: 3 I all-phase; note 1 standard rules; Offset: 0 J all-phase; note 1 standard rules; Offset: 1 K all-phase; note 1 standard rules; Offset: 2 L all-phase; note 1 standard rules; Offset: 3 U single-phase no frame extraction rules, phase-A V single-phase no frame extraction rules, phase-B W single-phase no frame extraction rules, phase-C X single-phase no frame extraction rules, phase-D Y any-phase no frame extraction rules, any-phase Z all-phase; note 1 no frame extraction rules, all-phase |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |