Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 34Page - NXP Semiconductors PCD5013 Datasheet HTML 35Page - NXP Semiconductors PCD5013 Datasheet HTML 36Page - NXP Semiconductors PCD5013 Datasheet HTML 37Page - NXP Semiconductors PCD5013 Datasheet HTML 38Page - NXP Semiconductors PCD5013 Datasheet HTML 39Page - NXP Semiconductors PCD5013 Datasheet HTML 40Page - NXP Semiconductors PCD5013 Datasheet HTML 41Page - NXP Semiconductors PCD5013 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
1999 Apr 12
38
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
Table 33 Roaming CAPCODE character
8.6.6
CONFIGURATION OF USER ADDRESSES
(ID = 78H, 80H TO 8FH)
The PCD5013 has 16 user address locations which can be
programmed as network IDs or as long or short addresses,
which can be configured as priority and/or tone-only. After
a reset all address locations are disabled. Short addresses
and network IDs occupy a single location, long addresses
occupy two locations. The first word of a long address
must be in an even address location and the second word
must be in the address index immediately following the first
word. Address location containing long addresses of the
2-3 and 2-4 set (Section 8.6.3) must follow any address
locations programmed as long addresses of the 1-2, 1-3
and 1-4 set.
User addresses are programmed using the address
assignment packets, and are enabled and disabled using
the address enable packet. To allow easy reprogramming
of user addresses without disrupting normal operation, the
host can send address assignment packets while the
PCD5013 is on.
CHARACTER
DESCRIPTION
P
non-roaming or single frequency pager
Q
no frame offset, follows the Traffic
Management Flags
R
frame offset BIW101, does not follow
the Traffic Management Flags
S
frame offset BIW101, follows the Traffic
Management Flags
In this case, the host must disable the user address
location(s) by clearing the corresponding user address
enable (UAE) bit in the UAE packet before changing any
of the bits in the corresponding address assignment
packet.
a: address location (Table 34). This specifies which
address location is being configured. A zero in this field
corresponds to address index zero (AI = 0) in the address
packet received from the PCD5013 when an address is
detected (Section 8.7.2).
LA: long address (Table 34). When this bit is set, the
address is configured as a long address. Both words of a
long address must have this bit set.
TOA: tone-only address (Table 34). When this bit is set,
the PCD5013 considers this address a tone-only address
and does not decode a vector word when the address is
received. Both words of a long, tone only address must
have this bit set.
A: address word (Table 34). This is the 21-bit value of the
address word (A20 = MSB). Valid FLEX
™ messaging
addresses or Network ID’s must be used. For the
conversion from a CAPCODE (Section 8.6.4).
UAE: user address enable (Table 35). When a bit is set,
the corresponding user address location is enabled. When
it is cleared, the corresponding user address location is
disabled. UAE0 corresponds to the user address location
configured using a packet ID of 80H and UAE15
corresponds to the user address location configured using
a packet ID of 8FH. In some instances, if an invalid
FLEX
™ messaging address is programmed, it is not
detected even when the address is enabled. Value after
reset = 0.
Table 34 Address assignment packet bit assignments (ID = 80H to 8FH)
Table 35 Address enable packet bit assignments (ID = 78H)
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
31000
a3
a2
a1
a0
20
LA
TOA
A20
A19
A18
A17
A16
1A15
A14
A13
A12
A11
A10
A9
A8
0A7
A6
A5
A4
A3
A2
A1
A0
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
301111000
200000000
1
UAE15
UAE14
UAE13
UAE12
UAE11
UAE10
UAE9
UAE8
0
UAE7
UAE6
UAE5
UAE4
UAE3
UAE2
UAE1
UAE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com