Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 42Page - NXP Semiconductors PCD5013 Datasheet HTML 43Page - NXP Semiconductors PCD5013 Datasheet HTML 44Page - NXP Semiconductors PCD5013 Datasheet HTML 45Page - NXP Semiconductors PCD5013 Datasheet HTML 46Page - NXP Semiconductors PCD5013 Datasheet HTML 47Page - NXP Semiconductors PCD5013 Datasheet HTML 48Page - NXP Semiconductors PCD5013 Datasheet HTML 49Page - NXP Semiconductors PCD5013 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
1999 Apr 12
46
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
K: least significant 2 bits of 6-bit message checksum
(Tables 50 and 51), most significant 4 bits are in the
vector word. See Section 8.8.7 for a description of
message checksums.
N: message number (Table 51). See Section 8.8.8 for a
description of message numbering.
R: message retrieval flag (Table 51). When this bit is set,
the pager expects this message to be numbered.
See Section 8.8.8 for a description of message
numbering.
S: special format, (Table 51). In the numbered message
format, when this bit is set, a special display format should
be used. Spaces and dashes, specified by the host, are
inserted into the received message to ease reading of the
message. This feature may avoid the transmission of an
additional word on the channel. The actual format is
undefined in FLEX
™ and may be determined by the
manufacturer.
Table 50 Standard (V = 011) or special format (V = 100) 4, 10, 15, 20, 25, 31, 36, or 41 characters
Table 51 Numbered (V = 111) 2, 8, 13, 18, 23, 29, 34, or 39 numeric characters
MESSAGE
WORD
i0
i1
i2
i3
i4
i5
i6
i7
i8
i9
i10
i11
i12
i13
i14
i15
i16
i17
i18
i19
i20
1st
K4
K5
a0
a1
a2
a3
b0
b1
b2
b3
c0
c1
c2
c3
d0
d1
d2
d3
e0
e1
e2
2nd
e3
f0
f1
f2
f3
g0
g1
g2
g3
h0
h1
h2
h3
i0
i1
i2
i3
j0
j1
j2
j3
3rd
k0
k1
k2
k3
l0
l1
l2
l3
m0 m1 m2 m3
n0
n1
n2
n3
o0
o1
o2
o3
q0
4th
q1
q2
q3
r0
r1
r2
r3
s0
s1
s2
s3
t0
t1
t2
t3
u0
u1
u2
u3
v0
v1
5th
v2
v3
w0
w1
w2
w3
y0
y1
y2
y3
z0
z1
z2
z3
A0
A1
A2
A3
B0
B1
B2
6th
B3
C0
C1
C2
C3
D0
D1
D2
D3
E0
E1
E2
E3
F0
F1
F2
F3
G0 G1 G2 G3
7th
H0
H1
H2
H3
I0
I1
I2
I3
J0
J1
J2
J3
V0
V1
V2
V3
L0
L1
L2
L3
M0
8th
M1 M2 M3 O0 O1 O2 O3
P0
P1
P2
P3
Q0 Q1 Q2 Q3
T0
T1
T2
T3
U0
U1
MESSAGE
WORD
i0
i1
i2
i3
i4
i5
i6
i7
i8
i9
i10
i11
i12
i13
i14
i15
i16
i17
i18
i19
i20
1st
K4
K5
N0
N1
N2
N3
N4
N5
R0
S0
a0
a1
a2
a3
b0
b1
b2
b3
c0
c1
c2
2nd
c3
d0
d1
d2
d3
e0
e1
e2
e3
f0
f1
f2
f3
g0
g1
g2
g3
h0
h1
h2
h3
3rd
i0
i1
i2
i3
j0
j1
j2
j3
k0
k1
k2
k3
l0
l1
l2
l3
m0 m1 m2 m3
n0
4th
n1
n2
n3
o0
o1
o2
o3
q0
q1
q2
q3
r0
r1
r2
r3
s0
s1
s2
s3
t0
t1
5th
t2
t3
u0
u1
u2
u3
v0
v1
v2
v3
w0
w1
w2
w3
y0
y1
y2
y3
z0
z1
z2
6th
z3
A0
A1
A2
A3
B0
B1
B2
B3
C0
C1
C2
C3
D0
D1
D2
D3
E0
E1
E2
E3
7th
F0
F1
F2
F3
G0 G1 G2 G3
H0
H1
H2
H3
I0
I1
I2
I3
J0
J1
J2
J3
V0
8th
V1
V2
V3
L0
L1
L2
L3
M0 M1 M2 M3 O0 O1 O2 O3
P0
P1
P2
P3
Q0 Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com