| Electronic Components Datasheet Search |
|
PCD5013 Datasheet(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5013 Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 76 page ![]() 1999 Apr 12 36 Philips Semiconductors Product specification FLEX ™ roaming decoder II PCD5013 8.6.4 ADDRESS CALCULATION Address codeword values generally do not coincide with (part of) the user address as specified in the CAPCODE. To find the address codewords corresponding to a user address a conversion has to be done (Table 31). The type of conversion depends on the CAPCODE range in which the user address is located. Note that addresses are transmitted LSB first (differently to POCSAG). Short addresses, are transmitted in a single address codeword where as long addresses are transmitted in two consecutive address codewords. The first codeword of a long address contains the lower part of the address, the second codeword the upper part. By combining two long address codewords from different banks 6 long address ranges are created: 1 to 2, 1 to 3, 1 to 4, 2 to 3, 2 to 4 and 3 to 4. Ranges 2 to 4 and 3 to 4 are as yet undefined and reserved. Table 31 describes how to calculate the 21-bit address codeword which is transmitted over the air. Table 30 Address word range definitions TYPE HEX VALUE Idle word (illegal address) 000000 Long address 1 000001 to 008000 Short address 008001 to 1E0000 Long address 3 1E0001 to 1E8000 Long address 4 1E8001 to 1F0000 Short address (reserved) 1F0001 to 1F27FF Information service address 1F2800 to 1F67FF Network address 1F6800 to 1F77FF Temporary address 1F7800 to 1F780F Operator messaging address 1F7810 to 1F781F Short address (reserved) 1F7820 to 1F7FFE Long address 2 1F7FFF to 1FFFFE Idle word (illegal address) 1FFFFF Table 31 Address word calculation Notes 1. All numbers are in hexadecimal format. 2. The MOD operator gives the remainder of an integer division. 3. CAPCODE refers to the value of the address field in a FLEX ™ CAPCODE. 4. The DIV operator is the integer division. 5. A short address consists of a single codeword. 6. The upper codeword range in bank 2 is used from the highest address downwards, i.e. the lowest value of the CAPCODE produces a codeword value of 1FFFFEH. TYPE LOWER ADDRESS CODEWORD; notes 1, 2 and 3 UPPER ADDRESS CODEWORD; notes 1, 3 and 4 Short address CAPCODE + 8000 note 5 Long address, range 1 to 2; note 6 1 + ((CAPCODE − 1F9001) MOD 8000) 1FFFFF − ((CAPCODE − 1F9001) DIV 8000) Long address, ranges 1 to 3 and 1to4 1 + ((CAPCODE − 1F9001) MOD 8000) 1D8000 + ((CAPCODE − 1F9001) DIV 8000) Long address, range 2 to 3 1F7FFF + ((CAPCODE − 1F8FFF) MOD 8000) 1C8000 + ((CAPCODE − 1F8FFF) DIV 8000) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |