Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 53Page - NXP Semiconductors PCD5013 Datasheet HTML 54Page - NXP Semiconductors PCD5013 Datasheet HTML 55Page - NXP Semiconductors PCD5013 Datasheet HTML 56Page - NXP Semiconductors PCD5013 Datasheet HTML 57Page - NXP Semiconductors PCD5013 Datasheet HTML 58Page - NXP Semiconductors PCD5013 Datasheet HTML 59Page - NXP Semiconductors PCD5013 Datasheet HTML 60Page - NXP Semiconductors PCD5013 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
1999 Apr 12
57
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.8.4
ALL FRAME MODE (ID = 03H)
The FLEX
™ protocol requires pagers to be capable of
receiving data in frames other than pagers’ programmed
frames and frames implied by collapse values. This is
achieved in the PCD5013 by all frame mode (AFM) which
is required to implement the following features:
• Fragmented messages (Section 8.8.6)
• Temporary addresses (Section 8.8.5).
The PCD5013 enters AFM automatically and when
in AFM, it decodes every FLEX
™ frame irrespective of
whether it is a programmed frame. In AFM the PCD5013
sends a status packet with the end-of-frame (EOF) bit set
at the end of every frame. In addition the host can force
AFM by sending an AFM packet with the force all frame
mode (FAF) bit set.
The PCD5013 contains a number of counters which are
used to track the number of active calls requiring AFM.
These consist of an AFM counter for tracking the number
of active fragmented messages and 16 temporary address
enable (TAE) counters which count the number of times
each temporary address has been enabled. These
counters are automatically incremented when a
corresponding vector is received, i.e.:
• A short instruction vector indicating a temporary address
has been assigned to this pager
• A vector indicating a message for this pager with a
format which allows fragmentation.
The host must determine when no further data can be
received for a message associated with a temporary
address, or a fragmented message, and send an
AFM packet, see Table 63, to decrement the appropriate
counter.
AFM remains active until the host determines that no
further data can be sent to it outside programmed frames,
i.e:
• The TAE counters are all zero indicating that no further
temporary message data is expected
• The AFM counter is zero indicating that no further data
is expected for fragmented messages
• The FAF bit is clear.
Both the AFM counter and the TAE counters can only be
incremented internally by the PCD5013 and can only be
decremented by the host via AFM packet. Neither the
TAE counters nor the AFM counter can be incremented
past the value 127 (it does not roll-over) or decremented
past the value 0. The TAE counters and the AFM counter
are cleared on a reset and when the decoder is turned off.
DAF: decrement all frame mode counter, see Table 63.
Setting this bit decrements the AFM counter by one. If a
packet is sent with this bit clear, the AFM counter is not
affected. Value after reset = 0.
FAF: force all frame mode, see Table 63. Setting this bit
forces the PCD5013 to enter AFM. If this bit is clear, the
PCD5013 may or may not be in AFM depending on the
status of the AFM counter and the TAE counters. This
functionality may be useful in acquiring transmitted time
information. Value after reset = 0.
DTA: decrement temporary address enable counter, see
Table 63. When a bit in this word is set, the corresponding
TAE counter is decremented by one. When a bit is clear,
the corresponding TAE counter is not affected. When a
TAE counter reaches zero, the temporary address is
disabled. Value after reset = 0.
Table 63 All frame mode packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300000011
2
DAF
FAF
000000
1DTA15
DTA14
DTA13
DTA12
DTA11
DTA10
DTA9
DTA8
0DTA7
DTA6
DTA5
DTA4
DTA3
DTA2
DTA1
DTA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com