Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 23Page - NXP Semiconductors PCD5013 Datasheet HTML 24Page - NXP Semiconductors PCD5013 Datasheet HTML 25Page - NXP Semiconductors PCD5013 Datasheet HTML 26Page - NXP Semiconductors PCD5013 Datasheet HTML 27Page - NXP Semiconductors PCD5013 Datasheet HTML 28Page - NXP Semiconductors PCD5013 Datasheet HTML 29Page - NXP Semiconductors PCD5013 Datasheet HTML 30Page - NXP Semiconductors PCD5013 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
1999 Apr 12
27
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.4.13
ROAMING STATUS PACKET (ID = 60H)
The PCD5013 automatically prompts the host to read a
Roaming Status Packet if RSR, MS1, MFI, MS2, MBI,
MAW, NBU, NDR 1, NDR 0, or SCU is set.
RSR: re-synchronization signal received (Table 19).
Set when the PCD5013 detected a re-synchronization
signal (Ar/Ar) and the host configured the PCD5013 to
ignore it via the IRS bit in the roaming control packet. This
bit is cleared when read.
MS1: missed synchronization 1 (Table 19). Set when the
PCD5013 fails to detect the first synchronization pattern
(A/A) of a FLEX
™ frame and the PCD5013 was configured
to report missed frame information via the MFC bit in the
roaming control packet. This bit is cleared when read.
MFI: missed frame information word (Table 19). Set when
the frame information word is received with an
uncorrectable number of errors and the PCD5013 was
configured to report missed frame information via the MFC
bit in the roaming control packet. This bit is cleared when
read.
MS2: missed synchronization 2 (Table 19). Set when the
PCD5013 failed to detect the second synchronization
pattern (C/C) of a frame and PCD5013 was configured to
report missed frame information via the MFC bit in the
roaming control packet. This bit is cleared when read.
MBI: missed block information word 1 (Table 19).
Set when at least one of the block information word ones
is received with an uncorrectable number of errors and
PCD5013 was configured to report missed frame
information via the MFC bit in the roaming control packet.
This bit is set no more than once per frame regardless of
the number of missed block information word 1’s in the
frame. This bit is cleared when read.
MAW: missed address word (Table 19). Set when any
address words in the address field is received with an
uncorrectable number of errors and PCD5013 was
configured to report missed frame information via the MFC
bit in the roaming control packet. This bit is set no more
than once per frame regardless of the number of missed
address words in the frame. This bit is cleared when read.
NBU: network bit update (Table 19). Set when the NBC bit
in the roaming control packet is set and a frame
information word is received with a correctable number of
errors. This bit is not set when the frame information word
is not received due to missing the first synchronization
pattern (A/A). This bit is cleared when read.
n: network bit value (Table 19). When NBU is set, this is
the value of the n bit in the last received frame information
word.
NDR: noise detect result (Tables 18 and 19). These bits
indicate the result of a noise detect. The results of noise
detects initiated by setting the SND bit in the roaming
control packet is always reported. The results of the
automatic noise detects performed in asynchronous mode
is only reported if the RND bit is set in the roaming control
packet. When continuous noise detects during block data
are enabled by setting the CND bit in the roaming control
packet, only the ‘No FLEX
™ signal detected’ result is
reported. These bits are cleared when read.
Table 18 Noise Detect Result (NDR bits)
SCU: system collapse update (Table 19). Set when the
PCD5013 is configured for manual collapse mode by
setting the MCM bit in the roaming control packet and the
system collapse of a frame is received. This bit is set no
more than once per frame regardless of the number of
phases in the frame. This bit is not set in frames in which
no block information word 1’s is received properly. This bit
is cleared when read.
RSC: received system collapse (Table 19). When SCU is
set, this value represents the system collapse value that
was received in the frame.
NDR1
NDR0
NOISE DETECT RESULT
0
0
No Information
0
1
Noise Detect was abandoned
1
0
FLEX
™ signal detected
1
1
FLEX
™ signal not detected
Table 19 Roaming Status packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
301100010
2
RSR
MS1
MFI
MS2
MBI
MAW
NBU
n
1
x
xxxxx
NDR1
NDR0
0
x
x
x
x
SCU
RSC2
RSC1
RSC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com