Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 60Page - NXP Semiconductors PCD5013 Datasheet HTML 61Page - NXP Semiconductors PCD5013 Datasheet HTML 62Page - NXP Semiconductors PCD5013 Datasheet HTML 63Page - NXP Semiconductors PCD5013 Datasheet HTML 64Page - NXP Semiconductors PCD5013 Datasheet HTML 65Page - NXP Semiconductors PCD5013 Datasheet HTML 66Page - NXP Semiconductors PCD5013 Datasheet HTML 67Page - NXP Semiconductors PCD5013 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
1999 Apr 12
64
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
9
LIMITING VALUES
In accordance with the absolute maximum rating system (IEC 134).
Notes
1. VDD1 and VDD2 respectively and VSS1 and VSS2 must be connected at the same potential.
2. VI(max) = 4.0 V.
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
11 THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
note 1
−0.5
4.0
V
IDD
supply current
−
50
mA
II
DC input current (any input)
−10
+10
mA
IO
DC output current (any output)
−10
+10
mA
VI
input voltages (all inputs)
note 2
−0.5
VDD + 0.5
V
Ptot
total power dissipation
−
300
mW
PO
power dissipation per output
−
10
mW
Tamb
operating ambient temperature
−25
+70
°C
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
90
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com