Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 41Page - NXP Semiconductors PCD5013 Datasheet HTML 42Page - NXP Semiconductors PCD5013 Datasheet HTML 43Page - NXP Semiconductors PCD5013 Datasheet HTML 44Page - NXP Semiconductors PCD5013 Datasheet HTML 45Page - NXP Semiconductors PCD5013 Datasheet HTML 46Page - NXP Semiconductors PCD5013 Datasheet HTML 47Page - NXP Semiconductors PCD5013 Datasheet HTML 48Page - NXP Semiconductors PCD5013 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
1999 Apr 12
45
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.7.8
MESSAGE PACKETS (ID = 03H TO 57H)
8.7.8.1
General
The message field follows the vector field in the FLEX
™
protocol. It contains the message data, checksum
information, and may contain fragment and message
numbers (Sections 8.8.8 and 8.8.6). If the error bit of a
vector word is not set and the vector word indicates that
there are message words associated with the page, the
message words are sent in message packets to the host.
The ID of the message packet is the word number where
the message word was received in the frame.
WN: word number of message word (3 to 87 decimal)
(Table 49). WN describes the location of the message
word in the frame.
e: error (Table 49). Set if more than 2-bit errors are
detected in the word.
p: phase (Table 49). This is the phase on which the vector
was found (0 = A, 1 = B,2=Cand3=D).
i: these are the information bits of the message word
(Table 49). The definition of these i bits depends on the
vector type and which word of the message is being
received.
8.7.8.2
Numeric Message
FLEX
™ numeric messages are encoded using the
4-bit BCD encoded characters sets described in Table 48.
Characters are placed in codewords along with additional
information about the message as described in
Tables 50 and 51 and the following definitions. The 4-bit
numeric characters of the message are designated as
letters a, b, c, d, ... z, A, B etc.
Only codewords containing the numeric message are to
be transmitted. The space character CH is used to fill any
unused 4-bit characters in the last word and zeros to fill
any remaining partial characters. The checksum includes
only the codewords comprising the shortened message,
along with the space and fill characters used to fill in the
last word.
Table 48 Standard and alternate numeric character sets;
Peoples Republic of China (PRC) option ‘on’
and ‘off’
B3
B2
B1
B0
CHARACTER
PRC ‘on’
PRC ‘off’
0000
0
0
0001
1
1
0010
2
2
0011
3
3
0100
4
4
0101
5
5
0110
6
6
0111
7
7
1000
8
8
1001
9
9
1010
A
spare
1011
B
U
1100
space
space
1101
C
−
1110
D
]
1111
E
[
Table 49 Message packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
30
WN6
WN5
WN4
WN3
WN2
WN1
WN0
2e
p1
p0
i20
i19
i18
i17
i16
1i15
i14
i13
i12
i11
i10
i9
i8
0i7
i6
i5
i4
i3
i2
i1
i0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com