Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD5013 Datasheet HTML 1Page - NXP Semiconductors PCD5013 Datasheet HTML 2Page - NXP Semiconductors PCD5013 Datasheet HTML 3Page - NXP Semiconductors PCD5013 Datasheet HTML 4Page - NXP Semiconductors PCD5013 Datasheet HTML 5Page - NXP Semiconductors PCD5013 Datasheet HTML 6Page - NXP Semiconductors PCD5013 Datasheet HTML 7Page - NXP Semiconductors PCD5013 Datasheet HTML 8Page - NXP Semiconductors PCD5013 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
1999 Apr 12
4
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
6
BLOCK DIAGRAM
Fig.1 Functional block diagram for PCD5013 pager decoder.
READY
MGR616
handbook, full pagewidth
22
S1
21
S2
20
S3
19
S4
18
S5
16
S6
15
S7
12
EXTS0
11
EXTS1
5
XTAL
2
OSCPD
6
EXTAL
32
CLKOUT
14
SYMCLK
23
S0
S0/IFIN
IFIN
27
28
30
31
26
RECEIVER
CONTROL
DEMODULATOR
&
DATA SLICER
SYNC
CORRELATOR
DE-
INTERLEAVER
76.8 kHz
OR 160 kHz
OSCILLATOR
CLOCK
GENERATOR
ADDRESS
COMPARATOR/
CORRELATOR
ERROR
CORRECTOR
NOISE
DETECTOR
SPI
BUFFER
SPI
INTERNAL
CONTROL
UNIT
EXTERNAL
CONTROL
UNIT
MISO
10
LOBAT
24
RESET
8
TEST3
4
TEST2
7, 29
VSS1, VSS2
3, 13
VDD1, VDD2
MOSI
SCK
SS
9
TOUT3
17
TOUT2
25
TOUT1
1
TOUT0
LOCAL
MESSAGE
FILTER
CONTROL/STATUS
REGISTERS
SYMBOL
SYNC
PCD5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com