Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 64Page - NXP Semiconductors PCD5013 Datasheet HTML 65Page - NXP Semiconductors PCD5013 Datasheet HTML 66Page - NXP Semiconductors PCD5013 Datasheet HTML 67Page - NXP Semiconductors PCD5013 Datasheet HTML 68Page - NXP Semiconductors PCD5013 Datasheet HTML 69Page - NXP Semiconductors PCD5013 Datasheet HTML 70Page - NXP Semiconductors PCD5013 Datasheet HTML 71Page - NXP Semiconductors PCD5013 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
1999 Apr 12
68
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
Fig.20 Example application using internal demodulator.
handbook, full pagewidth
MGR622
10 M
Ω
15 pF
15 pF
160 kHz
IF
RECEIVER
FRONT-END
EXTAL
XTAL
VSS1, VSS2
VDD1, VDD2
OSCPD,
TEST2, TEST3
VDD
5
PCD5013
100 nF
10
µF
MICROCONTROLLER
P87CL881
EEPROM
TOUT0 to
TOUT3
RESET
I2C-bus
LOBAT
S0/IFIN
S1 to S7
CLKOUT
SYMCLK
DC/DC
CONVERTER
Vsup
READY, SS, SCK,
MOSI, MISO
3
8
4
2
LCD
DRIVER
LCD
KEYPAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com