Electronic Components Datasheet Search
  English  ▼

X  

PCD5013 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 65Page - NXP Semiconductors PCD5013 Datasheet HTML 66Page - NXP Semiconductors PCD5013 Datasheet HTML 67Page - NXP Semiconductors PCD5013 Datasheet HTML 68Page - NXP Semiconductors PCD5013 Datasheet HTML 69Page - NXP Semiconductors PCD5013 Datasheet HTML 70Page - NXP Semiconductors PCD5013 Datasheet HTML 71Page - NXP Semiconductors PCD5013 Datasheet HTML 72Page - NXP Semiconductors PCD5013 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
1999 Apr 12
69
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
15.3
System block diagram
Fig.21 System block diagram.
handbook, full pagewidth
MGR620
RF RECEIVER
IF BACKEND
BATTERY
LOW DETECTOR
battery low
indication
receiver
control
lines
reset
160 kHz crystal
SPI INTERFACE
USER INTERFACE
FLEXstackTM SOFTWARE
serial
peripheral
interface
455 kHz IF
data
7
PAGING RECEIVER
HOST
MICROPROCESSOR
PCD5013
1
5
API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com