Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 162 page
background image
Page 18
ADU2 Operation and Reference Manual
Accuracy
Accuracy is directly proportional to the antenna
separation. Typical attitude accuracies versus antenna
separation are described in Appendix C. Also refer to the
references [2,3] in Appendix D. Pitch and roll accuracies
are typically a factor of two worse than the heading
accuracy when a square antenna array is used.
Multipath Migration
The reliability of the phase ambiguity resolution and the
attitude accuracy is degraded by multipath signals. The
antennas should be located on top of the vehicle (or
platform) to minimize the possibility of satellite signals
reflecting off metal objects near the antenna.
Stability
The ADU2 behavior depends upon the stability of the
four-antenna system. This means that the selected
antenna mounting locations should not move in any
direction (up/down, left/right) relative to the other
antennas. If the vehicle (or platform) moves, the entire
antenna system should move in the same manner. Use
care in mounting antennas on flexible structures such as
the mast of a ship or the wing tips of an airplane.
Maximum Length
The supplied cables have a maximum length for the
particular type of cable. Do not extend the cables beyond
30 meters without an in-line amplifier, provided as an
option, since the radio frequency (RF) signal presented to
the ADU2 will be degraded.
Geometrical Configuration
• Almost any geometric shape is acceptable provided
that none of the resultant vectors are co-linear (i.e. if
three antennas are arranged in a line, Antenna 1 may
not be one of those antennas (Figure 3.1).
• Antennas do not need to be co-planar, however, for
best results, at least two antennas should be at the
same height.
Table 3.1: Antenna Placement Suggestions (continued)
Antenna Consideration
Suggestion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com