Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 40Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 41Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 43Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 44Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 162 page
background image
Page 32
ADU2 Operation and Reference Manual
Every attempt should be made to set the antenna platform level during calibration. Type 1 is the
recommended rotation method.
4.
ADJENU asks of you wish to add a heading offset angle from heading
baseline. If there is no induced offset heading, type n. If there is a heading
offset angle, type y, and enter the angle. For more information on heading
offset angles, see Appendix B.
5.
ADJENU computes and displays the computed relative antenna position
vectors, and terminates.
6.
Table 4.2 is provided for your convenience to write down the relative
antenna position vectors. ADJENU saves the vectors to the file
brfvec.xyz.
Remember to include positive and negative signs for relative antenna position vectors.
Figure 4.3: Relative Antenna Position Rotation Methods
Table 4.2: Relative Antenna Position Vectors
Vectors
X(R)
Y(F)
Z(U)
1-2 vector
1-3 vector
1-4 vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com