Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 34Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 35Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 162 page
background image
Page 20
ADU2 Operation and Reference Manual
If Antennas 1 and 2 cannot be mounted along, or parallel to, the centerline of
the vehicle, the heading offset angle induced may be computed by
independent means. Refer to Appendix B, Performance Improvement.
4.
Secure the remaining two antennas, Antennas 3 and 4, to rigid structures of
the vehicle as suggested in Figure 3.1.
Mark each end of the co-axial cables with antenna numbers before installation.
5.
Connect each antenna cable to the corresponding Antenna input connector
on the ADU2 unit.
Verify that each antenna cable is connected to its respective antenna and input connector.
For best performance, four or more satellites should be visible above a 15 degree
elevation angle.
Figure 3.2: Suggested Locations for Antennas on Aircraft
Vehicle Heading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com