Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 41Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 43Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 44Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 48Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 162 page
background image
Antenna Calibration
Page 33
Enter Relative Antenna Position Vectors Information
The final step in the static calibration procedure is to enter the relative antenna
position vectors using REMOTE.
1.
Start REMOTE by typing remote <ENTER> at the DOS prompt.
2.
Enter the relative antenna position vector for the vector between Antennas 1
and 2 by typing the following command. Be sure to enter + or - signs before
each number.
$PASHS,3DF,V12,+/-x.xx,+/-y.yy,+/-z.zz <ENTER>
3.
Enter the relative antenna position vector for the vector between Antennas 1
and 3 by typing the following command. Be sure to enter + or - signs before
each number.
$PASHS,3DF,V13,+/-x.xx,+/-y.yy,+/-z.zz <ENTER>
4.
Enter the relative antenna position vector for the vector between Antennas 1
and 4 by typing the following command. Be sure to enter + or - signs before
each number.
$PASHS,3DF,V14,+/-x.xx,+/-y.yy,+/-z.zz <ENTER>
5.
Verify you entered the correct information including + and - signs by typing
$PASHQ,3DF
6.
The system lists the relative antenna position vectors entered into the system.
Check these to verify you entered each vector into the system correctly. If
you made a mistake, you can reenter any of the three vectors.
7.
After verifying you entered the vectors correctly, type $PASHS,SAV,Y to
save the relative antenna position vector configuration in the receiver
memory.
8.
Press <ALT>x to exit Remote.
The static calibration procedure is now complete. There is no need to recalibrate the
ADU2 system unless you replace an antenna or if there has been any other changes
made to the relative positions of the antennas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com