Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 34Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 162 page
background image
Installation
Page 19
1.
The position computed by the ADU2 is referenced only to the primary
antenna (Antenna 1).
The other three antennas (Antennas 2, 3 and 4) are used only to provide
attitude information, no positions are computed for these antennas.
2.
If you are using a fixed antenna array, then secure the array such that the line
formed between Antenna 1 and Antenna 2 is along, or parallel to, the
centerline of the vehicle.
If Antennas 1 and 2 cannot be mounted along, or parallel to, the centerline of
the vehicle, the heading offset angle induced may be computed by
independent means. Refer to Appendix B, Performance Improvement.
3.
If you are mounting each antenna individually, then secure Antennas 1 and 2
such that the line formed between Antenna 1 and Antenna 2 is along, or
parallel to, the centerline of the vehicle. (Figure 3.2).
Figure 3.1: Configurations of Antennas (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com