Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 44Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 48Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 49Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 50Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 51Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 162 page
background image
Page 36
ADU2 Operation and Reference Manual
2.
Use the arrow keys to highlight the B-file for calibration. If there is only one
B-file listed it is automatically selected.
3.
Press F10 to accept the selection and open the Program Options Menu
(Figure 4.5).
4.
The calibration program first checks a collected ADU2 B-file for adequate
good measurement data to allow the program to provide the correct relative
antenna positions. Next, the double difference phase ambiguities are
determined, or fixed. After these ambiguities have been fixed, they are used
along with the carrier phase measurements to determine the relative position
vectors with respect to a defined body-fixed reference frame (BRF). You can
complete these steps in a single step by selecting Option E, however running
each step manually allows for more user control.
5.
Use the arrow keys to select Option A, Determine Good Period of Data, and
press <ENTER>.
Option A scans the selected ADU2 B-file to determine if a good data period of
1800 seconds exists with no cycle-slips from at least five satellites. At the same
time, the satellite with the highest elevation over the whole period is chosen as
the reference. The results are displayed on the screen (Figure 4.6) and saved in
Figure 4.5: Calibration Program Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com