Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 43Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 44Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 48Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 49Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 50Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 162 page
background image
Antenna Calibration
Page 35
10. Type n to enter calibration mode, and ADULOG starts collecting the data.
11. Continue collecting the data for at 1east one hour. This ensures the collection
of 30 minutes of cycle-slip free measurements.
12. After collecting the data, press <Esc> to stop collecting the data.
13. Press <Esc> a second time to exit ADULOG. At prompt message, type y.
14. Verify the B- E- and A- files exist in the working directory by typing dir.
Only B- and E-files are needed for calibration. The first letter of each file
name designates the file type.
Determine Relative Antenna Positions
After the data has been collected the relative vectors need to be computed. CALI3DF
computes highly accurate relative position vectors for the four antennas and does not
require the vehicle to be stationary. It achieves this by employing double differencing
techniques, a Kalman filter, and an ambiguity search method. Refer to references
[1,2] listed in Appendix C for an explanation of double differencing and phase
ambiguity resolution. Reference [3] provides a theoretical description of the Dynamic
Calibration.
1.
Start CALI3DF by typing cali3df <ENTER> at the DOS prompt. The
Select B-File for Calibration screen opens (Figure 4.4).
It is not necessary to use SPLIT3DF before running the dynamic calibration software. CALI3DF
completes this operation.
Figure 4.4: Select B-File for Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com