Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 43Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 44Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 48Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 49Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 162 page
background image
Page 34
ADU2 Operation and Reference Manual
Dynamic Calibration Procedure
The Dynamic Calibration procedure is used when the antenna array is mounted on a
vehicle that moves during calibration, such as a ship at sea. This program determines
relative antenna positions on moving vehicles using GPS carrier phase measurements.
You only need to calibrate the antennas once, however if the relative locations
between an antenna changes, you must recalibrate the antenna array.
The Dynamic Calibration procedure has the following steps:
1.
Collect the data (ADULOG)
2.
Determine the relative antenna positions (CALI3DF)
3.
Enter offset vector information (REMOTE)
Collect the Data
After the antennas or antenna array has been tested, the sample data should be
collected. ADULOG is the application used to collect measurement data. For
Dynamic Calibrations, the software requires at least one half hour of continuous,
cycle-slip free measurement for five or more satellites with a PDOP less than six for
each antenna. Collect the data for at least one hour at a recording interval of once
second when the vehicle is under normal motion to ensure meeting the software data
requirements.
1.
Start ADULOG by typing adulog <ENTER> at the DOS prompt. The
main screen opens.
2.
Verify the PC Port listed at the bottom of the screen is correct. To change the
PC Port, press 1, 2, 3, or 4 corresponding to the PC Port.
3.
Tab to the Baud field. If the baud rate is not set to 38400, then use Page Up
and Page Down to set the baud rate to 38400.
4.
Tab to the Recording Interval field. Type 1 in the recording interval.
5.
Tab to the Elevation Mask field. There is no need to change the elevation
mask from 10°.
6.
Tab to the Target Disk Drive field. If you wish your collection data saved to
files located on a drive other than the C drive, enter the drive letter.
7.
Tab to the Directory field. Type in the name of the directory where you want
your data files saved.
8.
Tab to the Template field. Type cali and press <ENTER>. The cali template
creates the B and E-file names.
9.
Press F10 to start collecting the data. A dialog box asks
Auto SV selection for best PDOP?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com