Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 56Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 57Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 58Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 59Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 60Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 61Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 62Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 63Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 162 page
background image
Page 48
ADU2 Operation and Reference Manual
Enter Relative Antenna Position Vectors Information
The final step in the dynamic calibration procedure is to enter the relative antenna
position vectors using REMOTE or any other communications software package.
1.
Start REMOTE by typing remote <ENTER> at the DOS prompt.
2.
Enter the relative antenna position vector for the vector between Antennas 1
and 2 by typing the following command. Be sure to enter + or - signs before
each number.
$PASHS,3DF,V12,+/-x.xx,+/-y.yy,+/-z.zz <ENTER>
3.
Enter the relative antenna position vector for the vector between Antennas 1
and 3 by typing the following command. Be sure to enter + or - signs before
each number.
$PASHS,3DF,V13,+/-x.xx,+/-y.yy,+/-z.zz <ENTER>
4.
Enter the relative antenna position vector for the vector between Antennas 1
and 4 by typing the following command. Be sure to enter + or - signs before
each number.
$PASHS,3DF,V14,+/-x.xx,+/-y.yy,+/-z.zz <ENTER>
5.
Verify you entered the correct information including + and - signs by typing
$PASHQ,3DF
6.
The system lists the relative antenna position vectors entered into the system.
Check these to verify you entered each vector into the system correctly. If
you made a mistake, you can reenter any of the three vectors.
7.
After verifying you entered the vectors correctly, type $PASHS,SAV,Y to
save the relative antenna position vector configuration in the receiver
memory.
8.
Press <ALT>x to exit Remote.
The dynamic calibration procedure is now complete. There is no need to recalibrate
the ADU2 system unless you replace an antenna or if there has been any changes
made to the relative positions of the antennas.
Dynamic Calibration-Run-Time Parameters
The Run-Time parameters are the parameters CALI3DF uses to process the data in
the B-file for calibration. If the calculated body reference frame (BRF) vectors are
poor quality, the Run-Time parameters can be changed to process the data slightly
differently for better results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com